công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MP44019GS bảng dữ liệu(PDF) 15 Page - Monolithic Power Systems

tên linh kiện MP44019GS
Giải thích chi tiết về linh kiện  CrM/DCM Multi-Mode PFC Controller with Second OVP
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MPS [Monolithic Power Systems]
Trang chủ  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP44019GS bảng dữ liệu(HTML) 15 Page - Monolithic Power Systems

Back Button MP44019GS Datasheet HTML 11Page - Monolithic Power Systems MP44019GS Datasheet HTML 12Page - Monolithic Power Systems MP44019GS Datasheet HTML 13Page - Monolithic Power Systems MP44019GS Datasheet HTML 14Page - Monolithic Power Systems MP44019GS Datasheet HTML 15Page - Monolithic Power Systems MP44019GS Datasheet HTML 16Page - Monolithic Power Systems MP44019GS Datasheet HTML 17Page - Monolithic Power Systems MP44019GS Datasheet HTML 18Page - Monolithic Power Systems MP44019GS Datasheet HTML 19Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
MP44019
– CRM/DCM MULTI-MODE PFC CONTROLLER WITH SECOND OVP
MP44019 Rev. 1.0
MonolithicPower.com
15
4/30/2021
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2021 MPS. All Rights Reserved.
OPERATION
The MP44019 is designed to provide simple,
high-performance active power factor correction
(PFC) using minimal external components.
CrM/DCM multi-mode allows the MP44019 to
operate in transitional modes under heavy loads.
Multi-mode
allows
the
device
to
convert
seamlessly into discontinuous conduction mode
(DCM) under light loads, which maximizes
operating efficiency.
The MP44019 features a very low supply
current, which meets typical standby power
requirements. The no-load power loss is usually
below 50mW.
Start-Up and Brown-In
Figure 2 shows the typical start-up timing
diagram.
As VCC gradually builds up and reaches VCC_ON
(typically 10.7V) at t1, the IC is enabled. Then
the IC starts to sense the brown-in condition
through MAINSIN. When the sampled peak
voltage exceeds VMAINS_BI (typically 1V), the
device starts to switch at t2. The MP44019
implements a COMP soft start-up, and the bus
voltage achieves its regulation voltage at t3.
t
COMP
VREC
t
t
BIBO
VCC
PFC_VCCON =
10.7V
PFC_VCCOFF =
8.7V
UVLO
FAULT
PFC_GATE
BO Timer out =
50ms
t
t
t
t
PFC VOUT
t1
t2
t3
t4
t5
0.8
Figure 2: Start-Up and Brown-In/Brownout
Brownout Function
The AC peak voltage is continuously sensed by
MAINSIN. Because the AC peak voltage falls
below VMAINS_BO (typically 0.9V) at t4, the device
continues switching until the brownout timer
(typically 50ms) ends at t5. Then the IC confirms
the brownout condition.
At this point, the PFC stops switching and COMP
is pulled down to 0V. The device restarts with a
COMP soft start if the peak MAINSIN voltage
exceeds VMAINS_BI (typically 1V).
Enhanced Dynamic Response
The boost PFC output voltage is sensed on FB,
and is compared with the internal reference (VREF,
typically 2.5V) (see Figure 13 on page 19). RO1
is recommended to be 10M
Ω to minimize power
consumption.
RO2
can
be
calculated
with
Equation (1):
O1
R
O2
OUT
R
RV
R
VV
(1)
The voltage compensation tank is connected
from COMP to GND. Proportional integral (PI)
control with a high-frequency pole is typically
used for compensation.
Figure 3 shows a nonlinear GM, which achieves
both excellent loop regulation in steady state and
enhanced
dynamic
response
during
load
transient. If the output voltage is detected with an
undershoot of 4%, the gain increases to four
times the normal gain. A higher gain can pull up
COMP quickly and reduce the voltage drop
during the load step.
70µA
10µA
-10µA
-50µA
FB
ICOMP
2.4
2.6
2.2
100µs
2.5
2.65
300µs
0.8ms
Figure 3: Nonlinear GM
If the output voltage is above or below the normal
voltage with an overshoot of 4%, the gain
increases to eight times the normal gain. This
ensures that COMP is quickly pulled down to
avoid triggering over-voltage protection (OVP).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com