| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AM486DE2 bảng dữ liệu(PDF) 6 Page - Advanced Micro Devices |
|
|
|||||||||||||||||||||||||||||
AM486DE2 bảng dữ liệu(HTML) 6 Page - Advanced Micro Devices |
|
6 / 52 page ![]() 6 Am486DE2 Microprocessor FIGURES Figure 1 Entering Stop Grant State ........................................................................................................ 19 Figure 2 Stop Clock State Machine ........................................................................................................ 21 Figure 3 Recognition of Inputs when Exiting Stop Grant State .............................................................. 21 Figure 4 Basic SMI Interrupt Service...................................................................................................... 23 Figure 5 Basic SMI Hardware Interface ................................................................................................. 23 Figure 6 SMI Timing for Servicing an I/O Trap ....................................................................................... 24 Figure 7 SMIACT Timing ........................................................................................................................ 25 Figure 8 Redirecting System Memory Address to SMRAM ................................................................... 25 Figure 9 Transition to and from SMM ..................................................................................................... 27 Figure 10 Auto Halt Restart Register Offset ............................................................................................. 30 Figure 11 I/O Instruction Restart Register Offset ..................................................................................... 30 Figure 12 SMM Base Slot Offset .............................................................................................................. 31 Figure 13 SRAM Usage ........................................................................................................................... 31 Figure 14 SMRAM Location ..................................................................................................................... 32 Figure 15 SMM Timing in Systems Using Non-Overlaid Memory Space and Write-Through Mode with Caching Enabled During SMM ................................................................................................. 32 Figure 16 SMM Timing in Systems Using Overlaid Memory Space and Write-Through Mode with Caching Enabled During SMM ................................................................................................. 33 Figure 17 SMM Timing in Systems Using Overlaid Memory Space and Write-Through Mode with Caching Disabled During SMM ................................................................................................ 33 Figure 18 CLK Waveforms ....................................................................................................................... 43 Figure 19 Output Valid Delay Timing ....................................................................................................... 44 Figure 20 Maximum Float Delay Timing................................................................................................... 44 Figure 21 PCHK Valid Delay Timing ........................................................................................................ 45 Figure 22 Input Setup and Hold Timing.................................................................................................... 46 Figure 23 RDY and BRDY Input Setup and Hold Timing ......................................................................... 47 Figure 24 TCK Waveforms ....................................................................................................................... 47 Figure 25 Test Signal Timing Diagram ..................................................................................................... 48 Figure 26 Heat Sink Dimensions .............................................................................................................. 49 TABLES Table 1 EADS Sample Time ................................................................................................................. 13 Table 2 Pin State During Stop Grant Bus State .................................................................................... 19 Table 3 SMRAM State Save Map ......................................................................................................... 26 Table 4 SMM Initial CPU Core Register Settings.................................................................................. 28 Table 5 Segment Register Initial States ................................................................................................ 28 Table 6 System Management Mode Revision Identifier........................................................................ 29 Table 7 SMM Revision Identifier Bit Definitions .................................................................................... 29 Table 8 Auto Halt Restart Configuration ............................................................................................... 30 Table 9 I/O Trap Word Configuration .................................................................................................... 30 Table 10 Test Register (TR4).................................................................................................................. 36 Table 11 Test Register (TR5).................................................................................................................. 36 Table 12 Am486DE2 Microprocessor Functional Differences ................................................................ 37 Table 13 CPU ID Codes.......................................................................................................................... 37 Table 14 CPUID Instruction Description ................................................................................................. 38 Table 15 Thermal Resistance (°C/W) θJC and θJA for the Am486DE2 in 168-Pin PGA Package .......... 49 Table 16 Maximum TA at Various Airflows in °C ..................................................................................... 49 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |