| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP38500 bảng dữ liệu(PDF) 21 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP38500 bảng dữ liệu(HTML) 21 Page - Texas Instruments |
|
21 / 33 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 23-May-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) LP38500ASD-ADJ/NO.A Active Production WSON (NGS) | 8 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 LKUA LP38500ASD-ADJ/NOPB Active Production WSON (NGS) | 8 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM - LKUA LP38500ASDX-ADJ/NO.A Active Production WSON (NGS) | 8 4500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LKUA LP38500ASDX-ADJ/NOPB Active Production WSON (NGS) | 8 4500 | LARGE T&R Yes SN Level-1-260C-UNLIM - LKUA LP38500ATJ-ADJ/NO.A Active Production TO-263 (NDQ) | 5 1000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LP38500 ATJ-ADJ LP38500ATJ-ADJ/NOPB Active Production TO-263 (NDQ) | 5 1000 | LARGE T&R Yes SN Level-1-260C-UNLIM - LP38500 ATJ-ADJ LP38500SD-ADJ/NOPB Active Production WSON (NGS) | 8 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 LKUB LP38500SD-ADJ/NOPB.A Active Production WSON (NGS) | 8 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 LKUB LP38500SDE-ADJ/NO.A Active Production WSON (NGS) | 8 250 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 LKUB LP38500SDE-ADJ/NOPB Active Production WSON (NGS) | 8 250 | SMALL T&R Yes SN Level-1-260C-UNLIM - LKUB LP38500SDX-ADJ/NO.A Active Production WSON (NGS) | 8 4500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LKUB LP38500SDX-ADJ/NOPB Active Production WSON (NGS) | 8 4500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LKUB LP38500TJ-ADJ/NOPB Active Production TO-263 (NDQ) | 5 1000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LP38500 TJ-ADJ LP38500TJ-ADJ/NOPB.A Active Production TO-263 (NDQ) | 5 1000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LP38500 TJ-ADJ LP38500TS-ADJ/NOPB Active Production DDPAK/ TO-263 (KTT) | 5 45 | TUBE ROHS Exempt SN Level-3-245C-168 HR -40 to 125 LP38500 TS-ADJ LP38500TS-ADJ/NOPB.A Active Production DDPAK/ TO-263 (KTT) | 5 45 | TUBE ROHS Exempt SN Level-3-245C-168 HR -40 to 125 LP38500 TS-ADJ LP38500TSX-ADJ/NO.A Active Production DDPAK/ TO-263 (KTT) | 5 500 | LARGE T&R ROHS Exempt SN Level-3-245C-168 HR -40 to 125 LP38500 TS-ADJ LP38500TSX-ADJ/NOPB Active Production DDPAK/ TO-263 (KTT) | 5 500 | LARGE T&R ROHS Exempt SN Level-3-245C-168 HR -40 to 125 LP38500 TS-ADJ LP38502ASD-ADJ/NO.A Active Production WSON (NGS) | 8 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 LKVA LP38502ASD-ADJ/NOPB Active Production WSON (NGS) | 8 1000 | SMALL T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 LKVA LP38502ASDX-ADJ/NO.A Active Production WSON (NGS) | 8 4500 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LKVA LP38502ASDX-ADJ/NOPB Active Production WSON (NGS) | 8 4500 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 LKVA Addendum-Page 1 |