công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LP3985IM5-2.8/NOPB bảng dữ liệu(PDF) 30 Page - Texas Instruments

tên linh kiện LP3985IM5-2.8/NOPB
Giải thích chi tiết về linh kiện  LP3985 Micropower, 150-mA Low-Noise Ultra-Low-Dropout CMOS Voltage Regulator
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LP3985IM5-2.8/NOPB bảng dữ liệu(HTML) 30 Page - Texas Instruments

Back Button LP3985IM5-2.8/NOPB Datasheet HTML 26Page - Texas Instruments LP3985IM5-2.8/NOPB Datasheet HTML 27Page - Texas Instruments LP3985IM5-2.8/NOPB Datasheet HTML 28Page - Texas Instruments LP3985IM5-2.8/NOPB Datasheet HTML 29Page - Texas Instruments LP3985IM5-2.8/NOPB Datasheet HTML 30Page - Texas Instruments LP3985IM5-2.8/NOPB Datasheet HTML 31Page - Texas Instruments LP3985IM5-2.8/NOPB Datasheet HTML 32Page - Texas Instruments LP3985IM5-2.8/NOPB Datasheet HTML 33Page - Texas Instruments LP3985IM5-2.8/NOPB Datasheet HTML 34Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
www.ti.com
PACKAGE OUTLINE
C
0.22
0.08
TYP
0.25
3.0
2.6
2X 0.95
1.9
1.45
0.90
0.15
0.00
TYP
5X
0.5
0.3
0.6
0.3
TYP
8
0
TYP
1.9
(0.1)
(0.15)
4X 0 -15
4X 4 -15
A
3.05
2.75
B
1.75
1.45
(1.1)
SOT-23 - 1.45 mm max height
DBV0005A
SMALL OUTLINE TRANSISTOR
4214839/K 08/2024
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. Refernce JEDEC MO-178.
4. Body dimensions do not include mold flash, protrusions, or gate burrs. Mold flash, protrusions, or gate burrs shall not
exceed 0.25 mm per side.
5. Support pin may differ or may not be present.
0.2
C A B
1
3
4
5
2
INDEX AREA
PIN 1
NOTE 5
GAGE PLANE
SEATING PLANE
0.1 C
SCALE 4.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34