| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LP3985 bảng dữ liệu(PDF) 22 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP3985 bảng dữ liệu(HTML) 22 Page - Texas Instruments |
|
22 / 34 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 23-May-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) LP3985IM5-2.5/NOPB Active Production SOT-23 (DBV) | 5 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 LCSB LP3985IM5-2.5/NOPB.A Active Production SOT-23 (DBV) | 5 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 LCSB LP3985IM5-2.7/NOPB Active Production SOT-23 (DBV) | 5 1000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LCUB LP3985IM5-2.7/NOPB.A Active Production SOT-23 (DBV) | 5 1000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LCUB LP3985IM5-2.8/NOPB Active Production SOT-23 (DBV) | 5 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 LCJB LP3985IM5-2.8/NOPB.A Active Production SOT-23 (DBV) | 5 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 LCJB LP3985IM5-2.9/NOPB Active Production SOT-23 (DBV) | 5 1000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LCYB LP3985IM5-2.9/NOPB.A Active Production SOT-23 (DBV) | 5 1000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LCYB LP3985IM5-3.0/NOPB Active Production SOT-23 (DBV) | 5 1000 | SMALL T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 LCRB LP3985IM5-3.0/NOPB.A Active Production SOT-23 (DBV) | 5 1000 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LCRB LP3985IM5-3.2/NOPB Active Production SOT-23 (DBV) | 5 1000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LDPB LP3985IM5-3.2/NOPB.A Active Production SOT-23 (DBV) | 5 1000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LDPB LP3985IM5-3.3/NOPB Active Production SOT-23 (DBV) | 5 1000 | SMALL T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 LDQB LP3985IM5-3.3/NOPB.A Active Production SOT-23 (DBV) | 5 1000 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LDQB LP3985IM5-4.7/NOPB Active Production SOT-23 (DBV) | 5 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 LDRB LP3985IM5-4.7/NOPB.A Active Production SOT-23 (DBV) | 5 1000 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 LDRB LP3985IM5-5.0/NOPB Active Production SOT-23 (DBV) | 5 1000 | SMALL T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 LDSB LP3985IM5-5.0/NOPB.A Active Production SOT-23 (DBV) | 5 1000 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LDSB LP3985IM5X-2.5/NO.A Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LCSB LP3985IM5X-2.5/NOPB Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LCSB LP3985IM5X-2.8/NO.A Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LCJB LP3985IM5X-2.8/NOPB Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LCJB LP3985IM5X-285/NO.A Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LCXB LP3985IM5X-285/NOPB Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LCXB LP3985IM5X-3.0/NO.A Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 LCRB LP3985IM5X-3.0/NOPB Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 LCRB LP3985IM5X-3.3/NO.A Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LDQB LP3985IM5X-3.3/NOPB Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LDQB LP3985IM5X-4.7/NO.A Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LDRB Addendum-Page 1 |