công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LMV2011MF/NOPB.A bảng dữ liệu(PDF) 14 Page - Texas Instruments

tên linh kiện LMV2011MF/NOPB.A
Giải thích chi tiết về linh kiện  LMV2011 High Precision, Rail-to-Rail Output Operational Amplifier
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LMV2011MF/NOPB.A bảng dữ liệu(HTML) 14 Page - Texas Instruments

Back Button LMV2011MF/NOPB.A Datasheet HTML 10Page - Texas Instruments LMV2011MF/NOPB.A Datasheet HTML 11Page - Texas Instruments LMV2011MF/NOPB.A Datasheet HTML 12Page - Texas Instruments LMV2011MF/NOPB.A Datasheet HTML 13Page - Texas Instruments LMV2011MF/NOPB.A Datasheet HTML 14Page - Texas Instruments LMV2011MF/NOPB.A Datasheet HTML 15Page - Texas Instruments LMV2011MF/NOPB.A Datasheet HTML 16Page - Texas Instruments LMV2011MF/NOPB.A Datasheet HTML 17Page - Texas Instruments LMV2011MF/NOPB.A Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LMV2011
SNOSA32C – AUGUST 2003 – REVISED MARCH 2013
www.ti.com
In the case of the inverting configuration, it is also possible to increase the input impedance of the overall
amplifier, by raising the value of R1, without having to increase the feed-back resistor, R2, to impractical values,
by utilizing a "Tee" network as feedback. See the LMC6442 data sheet (Application Notes section) for more
details on this.
Figure 36. AC Coupled ADC Driver
LMV2011 AS ADC INPUT AMPLIFIER
The LMV2011 is a great choice for an amplifier stage immediately before the input of an ADC (Analog-to-Digital
Converter), whether AC or DC coupled. See Figure 36 and Figure 37. This is because of the following important
characteristics:
A)
Very low offset voltage and offset voltage drift over time and temperature allow a high closed-loop gain
setting without introducing any short-term or long-term errors. For example, when set to a closed-loop gain
of 100 as the analog input amplifier for a 12-bit A/D converter, the overall conversion error over full
operation temperature and 30 years life of the part (operating at 50°C) would be less than 5 LSBs.
B)
Fast large-signal settling time to 0.01% of final value (1.4
μs) allows 12 bit accuracy at 100KHZ or more
sampling rate.
C)
No flicker (1/f) noise means unsurpassed data accuracy over any measurement period of time, no matter
how long. Consider the following opamp performance, based on a typical low-noise, high-performance
commercially-available device, for comparison:
Opamp flatband noise = 8nV/
√Hz
1/f corner frequency = 100Hz
AV = 2000
Measurement time = 100 sec
Bandwidth = 2Hz
This example will result in about 2.2 mVPP (1.9 LSB) of output noise contribution due to the opamp alone,
compared to about 594
μVPP (less than 0.5 LSB) when that opamp is replaced with the LMV2011 which
has no 1/f contribution. If the measurement time is increased from 100 seconds to 1 hour, the
improvement realized by using the LMV2011 would be a factor of about 4.8 times (2.86mVPP compared to
596
μV when LMV2011 is used) mainly because the LMV2011 accuracy is not compromised by increasing
the observation time.
D)
Copper leadframe construction minimizes any thermocouple effects which would degrade low level/high
gain data conversion application accuracy (see THE BENEFITS OF LMV2011 NO 1/f NOISE).
E)
Rail-to-Rail output swing maximizes the ADC dynamic range in 5-Volt single-supply converter applications.
Below are some typical block diagrams showing the LMV2011 used as an ADC amplifier (Figure 36 and
Figure 37).
14
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LMV2011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com