công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM3633 bảng dữ liệu(PDF) 12 Page - Texas Instruments

tên linh kiện LM3633
Giải thích chi tiết về linh kiện  LM3633 Complete Lighting Power Solution for Smartphone Handsets
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

LM3633 bảng dữ liệu(HTML) 12 Page - Texas Instruments

Back Button LM3633 Datasheet HTML 8Page - Texas Instruments LM3633 Datasheet HTML 9Page - Texas Instruments LM3633 Datasheet HTML 10Page - Texas Instruments LM3633 Datasheet HTML 11Page - Texas Instruments LM3633 Datasheet HTML 12Page - Texas Instruments LM3633 Datasheet HTML 13Page - Texas Instruments LM3633 Datasheet HTML 14Page - Texas Instruments LM3633 Datasheet HTML 15Page - Texas Instruments LM3633 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 58 page
background image
Outputs
(Assigned to Control banks)
Control
Banks
BANK A
Environmental
Stimulus
PWM
Control
Usable
Stimulus
BANK B
HVLED1
HVLED2
HVLED3
High-Voltage LED Assignment
Control Bank Configuration
Boost Converter Configuration
Startup/Shutdown Ramp Configuration
Run-Time Ramp Configuration
Brightness Control
I2C
Compatible
Interface
SDA
SCL
Internal Low Pass
Filter
PWM
HVLED1
HVLED2
HVLED3
LM3633
SNVS867 – JUNE 2014
www.ti.com
7.4 Device Functional Modes
7.4.1 High-Voltage LED Control
Figure 12. High-Voltage Functional Control Diagram
7.4.1.1 High-Voltage Boost Converter
The high-voltage boost converter provides power for the three high-voltage current sinks (HVLED1, HVLED2 and
HVLED3). The boost circuit operates using a 4.7-µH to 22-µH inductor and a 1-µF output capacitor. The
selectable 500-kHz or 1-MHz switching frequency allows for use of small external components and provides for
high boost-converter efficiency. HVLED1, HVLED2, and HVLED3 feature an adaptive current regulation scheme
where the feedback point (HVLED1, HVLED2, and HVLED3) regulates the LED headroom voltage to VHR_HV.
When there are different voltage requirements in the high-voltage LED strings (string mismatch), the LM3633
regulates the feedback point of the highest voltage string to VHR_HV and drops the excess voltage of the lower-
voltage string across the lower string(s) current sink.
7.4.1.2 High-Voltage Current Sinks (HVLED1, HVLED2 and HVLED3)
HVLED1, HVLED2, and HVLED3 control the current in the high-voltage LED strings as configured by Control
Bank A or Control Bank B. Each Control Bank has 5-bit full-scale current programmability and 11-bit brightness
control. High-voltage current sinks are assigned to a control bank through the HVLED Current Sink Output
Configuration register (see Table 5).
7.4.1.3 High-Voltage Current String Biasing
Each high-voltage current string can be powered from the LM3633 boost output (COUT) or from an external
source. The feedback enable bits (HVLED Current Sink Feedback Enables register bits [2:0]) determine where
the high-voltage current string anodes are connected. When set to '1' (default) the high-voltage current sink
inputs are included in the boost feedback loop. This allows the boost converter to adjust its output voltage to
maintain the LED headroom voltage VHR_HV at the current sink input.
When powered from alternate sources the feedback enable bits should be set to '0'. This removes the particular
current sink from the boost feedback loop. In these configurations the application must ensure that the headroom
voltage across the high-voltage current sink is high enough to prevent the current sink from going into dropout
(see the Figure 63 for data on the high-voltage LED current vs VHR_HV).
Setting the HVLED Current Sink Feedback Enables register bits also determines triggering of the shorted high-
voltage LED String Fault flag (see Fault Flags/Protection Features section).
12
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated
Product Folder Links: LM3633



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com