| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
INA159AMDGKTEP bảng dữ liệu(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
INA159AMDGKTEP bảng dữ liệu(HTML) 2 Page - Texas Instruments |
|
2 / 21 page ![]() 20k Ω 100k Ω 40k Ω 100k Ω 40k Ω R 1 100 Ω ADS8325 ADC D OUT DCLOCK CS REF V REF 5V +IN −IN V+ V+ GND C 1 1000pF SENSE REF 2 REF 1 V IN +IN −IN INA159 REF 1 −IN +IN V − REF 2 V+ OUT SENSE 1 2 3 4 8 7 6 5 INA159 TOP VIEW MSOP INA159-EP SBOS443 – NOVEMBER 2008 .......................................................................................................................................................................................... www.ti.com Figure 1. Typical Application This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with appropriate precautions. Failure to observe proper handling and installation procedures can cause damage. ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more susceptible to damage because very small parametric changes could cause the device not to meet its published specifications. ORDERING INFORMATION(1) ORDERABLE PART PACKAGE TEMPERATURE PACKAGE LEAD TOP-SIDE MARKING NUMBER(2) DESIGNATOR -55°C to 125°C INA159AMDGKTEP MSOP-8 Tape and reel DGK OAA (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. (2) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package. 2 Submit Documentation Feedback Copyright © 2008, Texas Instruments Incorporated Product Folder Link(s): INA159-EP |