công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

P-NUCLEO-USB002 bảng dữ liệu(PDF) 3 Page - STMicroelectronics

tên linh kiện P-NUCLEO-USB002
Giải thích chi tiết về linh kiện  USB Type-C™ and Power Delivery™ Nucleo pack with NUCLEO-F072RB expansion board based on STUSB1602
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

P-NUCLEO-USB002 bảng dữ liệu(HTML) 3 Page - STMicroelectronics

  P-NUCLEO-USB002 Datasheet HTML 1Page - STMicroelectronics P-NUCLEO-USB002 Datasheet HTML 2Page - STMicroelectronics P-NUCLEO-USB002 Datasheet HTML 3Page - STMicroelectronics P-NUCLEO-USB002 Datasheet HTML 4Page - STMicroelectronics P-NUCLEO-USB002 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
P-NUCLEO-USB002
P-NUCLEO-USB002 - System architecture
DocID030140 Rev 1
3/5
An STM32F072RBT6 32-bit microcontroller based on the ARM Cortex-M0 with 128 kB
Flash memory, 16 kB of SRAM, USB 2.0 full speed data interface in LQFP64 package
Two types of extension resources:
Arduino Uno Revision 3 connectivity
ST morpho extension pin headers for full access to all STM32 I/Os
On-board ST-LINK/V2-1 debugger/programmer with SWD connector:
selection-mode switch to use the kit as a standalone ST-LINK/V2-1
Flexible board power supply:
USB VBUS on Type-B connector or external source
Power management access point
Three LEDs:
USB communication (LD1), user LED (LD2) and power LED (LD3)
Two push buttons: USER and RESET
USB re-enumeration capability: three different interfaces supported on USB
Virtual Com port (the NUCLEO-F072RB in the kit has a different solder bridge
configuration to the standalone board)
Mass storage
Debug port
Supported by a wide range of integrated development environments (IDEs), including
IAR™, Keil® and GCC



Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com