công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADS1605IPAPT.B bảng dữ liệu(PDF) 28 Page - Texas Instruments

tên linh kiện ADS1605IPAPT.B
Giải thích chi tiết về linh kiện  16-Bit, 5MSPS Analog-to-Digital Converter
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

ADS1605IPAPT.B bảng dữ liệu(HTML) 28 Page - Texas Instruments

Back Button ADS1605IPAPT.B Datasheet HTML 24Page - Texas Instruments ADS1605IPAPT.B Datasheet HTML 25Page - Texas Instruments ADS1605IPAPT.B Datasheet HTML 26Page - Texas Instruments ADS1605IPAPT.B Datasheet HTML 27Page - Texas Instruments ADS1605IPAPT.B Datasheet HTML 28Page - Texas Instruments ADS1605IPAPT.B Datasheet HTML 29Page - Texas Instruments ADS1605IPAPT.B Datasheet HTML 30Page - Texas Instruments ADS1605IPAPT.B Datasheet HTML 31Page - Texas Instruments ADS1605IPAPT.B Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 39 page
background image
ADS1605
ADS1606
SBAS274H − MARCH 2003 − REVISED MAY 2007
www.ti.com
28
APPLICATIONS INFORMATION
INTERFACING THE ADS1605 TO THE
TMS320C6000
Figure 28 illustrates how to directly connect the
ADS1605 to the TMS320C6000 DSP. The processor
controls reading using output ARE. The ADS1605 is se-
lected using the DSP control output, CE2. The
ADS1605 16-bit data output bus is directly connected
to the TMS320C6000 data bus. The data ready output
from the ADS1605, DRDY, drives interrupt EXT_INT7
on the TMS320C6000.
DOUT[15:0]
ADS1605
DRDY
CS
16
RD
XD[15:0]
TMS320C6000
EXT_INT7
CE2
ARE
Figure 28. ADS1605—TMS320C6000 Interface
Connection
INTERFACING THE ADS1606 TO THE
TMS320C6000
Figure 29 illustrates how to directly connect the
ADS1606 to the TMS320C6000 DSP. The processor
controls reading using output ARE. The ADS1606 is
permanently selected by grounding the CS pin. The
ADS1606 16-bit data output bus is directly connected
to the TMS320C6000 data bus. The data ready output
from the ADS1606, DRDY, drives interrupt EXT_INT7
on the TMS320C6000.
DOUT[15:0]
ADS1606
DRDY
CS
16
RD
XD[15:0]
TMS320C6000
EXT_INT7
ARE
Figure 29. ADS1606—TMS320C6000 Interface
Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com