công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADC08B200CIVS/NOPB bảng dữ liệu(PDF) 38 Page - Texas Instruments

tên linh kiện ADC08B200CIVS/NOPB
Giải thích chi tiết về linh kiện  ADC08B200 / ADC08B200Q 8-Bit, 200 MSPS A/D Converter with Capture Buffer
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

ADC08B200CIVS/NOPB bảng dữ liệu(HTML) 38 Page - Texas Instruments

Back Button ADC08B200CIVS/NOPB Datasheet HTML 34Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 35Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 36Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 37Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 38Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 39Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 40Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 41Page - Texas Instruments ADC08B200CIVS/NOPB Datasheet HTML 42Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 38 / 42 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
23-May-2025
TRAY
L - Outer tray length without tabs
KO -
Outer
tray
height
W -
Outer
tray
width
P1 - Tray unit pocket pitch
CW - Measurement for tray edge (Y direction) to corner pocket center
CL - Measurement for tray edge (X direction) to corner pocket center
Text
Chamfer on Tray corner indicates Pin 1 orientation of packed units.
*All dimensions are nominal
Device
Package
Name
Package
Type
Pins
SPQ
Unit array
matrix
Max
temperature
(°C)
L (mm)
W
(mm)
K0
(µm)
P1
(mm)
CL
(mm)
CW
(mm)
ADC08B200CIVS/NOPB
PFB
TQFP
48
250
10 x 25
150
315
135.9
7620
12.2
11.1
11.25
ADC08B200CIVS/
NOPB.A
PFB
TQFP
48
250
10 x 25
150
315
135.9
7620
12.2
11.1
11.25
ADC08B200QCIVS/
NO.A
PFB
TQFP
48
250
10 x 25
150
315
135.9
7620
12.2
11.1
11.25
ADC08B200QCIVS/
NOPB
PFB
TQFP
48
250
10 x 25
150
315
135.9
7620
12.2
11.1
11.25
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42