| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
T3G bảng dữ liệu(PDF) 1 Page - Multicomp Pro |
|
|
|||||||||||||||||||||||||||||
T3G bảng dữ liệu(HTML) 1 Page - Multicomp Pro |
|
|
1 / 1 page ![]() Page <1> V1.1 16/07/19 Small Multipurpose Boxes with Lids Newark.com/exclusive-brands Farnell.com/exclusive-brands Element14.com/exclusive-brands Description These boxes are moulded in ABS to give maximum strength and to produce a professional looking product which can be easily punched or drilled for individual requirements. They are available in black, white or light grey as standard with other RAL colours. The HBT3, HBT3W, HBT4 and HBT4W have an overall matt finish, whereas the T2, T2W, T3, T3G, T3W and T4G have a polished finish. The lids are retained by 4 countersunk self tapping screws. Diagram Part Number Colour A (mm) B (mm) C (mm) Nominal Wall Thickness (mm) HBT3 Black 73.5 51 25.5 1.75 HBT3W White HBT4 Black 113 59 24 1.75 HBT4W White T2 Black 75 56 25 1.5 T2W White T3 Black 75 51 27 1.5 T3G Grey T3W White T4G Grey 111 57 22 2 Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence. Multicomp is the registered trademark of Premier Farnell Limited 2019. Part Number Table Description Part Number Small Multipurpose Boxes with Lids HBT3 HBT3W HBT4 HBT4W T2 T2W T3 T3G T3W T4G |
Số phần tương tự - T3G |
|
Mô tả tương tự - T3G |
|
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |