| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BMBSTP7RP0 bảng dữ liệu(PDF) 3 Page - CAREL INDUSTRIES S.p.A. |
|
|
|||||||||||||||||||||||||||||
BMBSTP7RP0 bảng dữ liệu(HTML) 3 Page - CAREL INDUSTRIES S.p.A. |
|
3 / 4 page ![]() RS485 ! telegram e-mail Overview of connected device status Intuitive graphs for system troubleshooting Access to individual connected devices to set parameters and activate/ deactivate functions via remote All the features of the boss family boss-micro panel retains all the typical features of the boss family supervisors, as well as advanced functions such as generating and sending reports, real-time alarm notification, running scheduled actions, creating maps and implementing system optimisation logic. Local system supervision • up to two serial lines • Modbus® or CAREL protocol |