công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

IP5303 bảng dữ liệu(PDF) 16 Page - Injoinic Technology Co.,Ltd.

tên linh kiện IP5303
Giải thích chi tiết về linh kiện  Fully-Integrated Bi-directional PD3.0 and Fast Charge Power Bank SOC with Multiple Input and Output Ports
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INJOINIC [Injoinic Technology Co.,Ltd.]
Trang chủ  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5303 bảng dữ liệu(HTML) 16 Page - Injoinic Technology Co.,Ltd.

Back Button IP5303 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 15Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 16Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 17Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 18Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 19Page - Injoinic Technology Co.,Ltd. IP5303 Datasheet HTML 20Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 28 page
background image
IP5328P
V1.2
Email: service@injoinic.com
16 / 28
Copyright © 2015, Injoinic Corp.
Coulombmeter and battery level display
Built-in coulombmeter support battery capacity calculation without measuring the current on the
BAT pin.
IP5328P support 1/2/3/4 LED display solution, by internal intelligent algorithm, the LED applied
outside can be distinguished by IP5328P.
L3
L2
L1
L3
L2
L1
L3
L2
L1
RSET
RSET
RSET
RSET
VSET
RSET
VSET
10k
VSET
RSET
4 LED mode
3 LED mode
2 LED mode 1
VREG
L3
L2
L1
RSET
VSET
RSET
2 LED mode 2
VREG
10k
10k
L3
L2
L1
RSET
10k
VSET
RSET
1 LED mode 1
10k
D1
D2
D3
D4
D1
D2
D3
D1
D2
D1
D2
Figure 4 1/2/3/4 LED circuit
4 LED display:
During charging:
Battery capacity (C) (%)
D1
D2
D3
D4
Fully charged
ON
ON
ON
ON
75%≤C
ON
ON
ON
1.5Hz Flash
50%≤C<75%
ON
ON
1.5Hz Flash
OFF
25%≤C<50%
ON
1.5Hz Flash
OFF
OFF
C<25%
1.5Hz Flash
OFF
OFF
OFF
During discharging:
Battery capacity (C) (%)
D1
D2
D3
D4
C≥75%
ON
ON
ON
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com