công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

EBAU108 bảng dữ liệu(PDF) 2 Page - Lite-On Technology Corporation

tên linh kiện EBAU108
Giải thích chi tiết về linh kiện  8x EXTERNAL DVD/CD Writer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  LITEON [Lite-On Technology Corporation]
Trang chủ  http://www.liteon.com.tw/databook/default.htm
Logo LITEON - Lite-On Technology Corporation

EBAU108 bảng dữ liệu(HTML) 2 Page - Lite-On Technology Corporation

  EBAU108 Datasheet HTML 1Page - Lite-On Technology Corporation EBAU108 Datasheet HTML 2Page - Lite-On Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HEAD OFFICE Philips & Lite-On Digital Solutions Corp.
16F, No. 392, Ruey Kuang Road, Neihu, Taipei 114, Taiwan
USA
Philips & Lite-On Digital Solutions USA, Inc.
42000 Christy Street, Fremont, CA94538
Interface
USB2.0
Data Transfer Rate (maximum)
DVD+R
8X
DVD-R
8X
DVD+R DL
6X
DVD-R DL
6X
DVD-RAM
5X
DVD+RW
8X
DVD-RW
6X
DVD-ROM
8X
CD-R
24X
CD-RW
24X
CD-ROM
24X
Random Access Time
Typical 130 ms
Max 185 ms
0.75MB (Max)
MTBF(Life)
60000POH
Environment Temperature
Operating 5°C to 35°C
Relative Humidity 10% to 90%
(no-condensation)
Non-Operating -40°C to 65°C;
Relative Humidity: 10% to 90%
(no-condensation)
Compatibility
MS-Windows 2000 / XP / Vista / 7 & 8, Linux, MAC OS
System Requirements
Physical Dimensions
W 140 x H 13.5 x L 136.3 (mm)
W 5.51 x H 0.35 x L 5.38 (in)
Weight
220g
8x EXTERNAL DVD/CD Writer
eBAU108
Tel: +886-2-8798-2798
Fax: +886-2-5581-0868
Tel: +1-510-687-1800
Fax: +1-510-687-1900
EUROPE
Philips & Lite-On Digital Solutions Netherlands BV.
Hoevenweg 13, 5652 AW Eindhoven, The Netherlands
Tel: +31-40-250-8000
Fax: +31-40-250-8091
Smart-Burn™
&
error
Achieves highest writing
quality for any media
Good Quality
Unknown Quality
Poor Quality
Link2TV function
1GHz or faster CPU recommended.
Windows 8 requires SSE2, PAE and
NX-bit support.
1GB RAM and 16GB free disc space
required under 32-bit OS ( 2GB RAM and
20GB space under 64-bit OS) for creating
DVD disc. Available SATA port required
Extensive TV Compatibility. Attach your
Link2TV-enabled optical drive to any
television that supports flash drives and
other USB devices to view video, music
and picture files.
Rapidly adjust writing method and
power level to write disc with the
highest writing quality.



Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com