công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NCP3237/D bảng dữ liệu(PDF) 13 Page - ON Semiconductor

tên linh kiện NCP3237/D
Giải thích chi tiết về linh kiện  8 A Integrated Synchronous Buck Converter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP3237/D bảng dữ liệu(HTML) 13 Page - ON Semiconductor

Back Button NCP3237/D Datasheet HTML 9Page - ON Semiconductor NCP3237/D Datasheet HTML 10Page - ON Semiconductor NCP3237/D Datasheet HTML 11Page - ON Semiconductor NCP3237/D Datasheet HTML 12Page - ON Semiconductor NCP3237/D Datasheet HTML 13Page - ON Semiconductor NCP3237/D Datasheet HTML 14Page - ON Semiconductor NCP3237/D Datasheet HTML 15Page - ON Semiconductor NCP3237/D Datasheet HTML 16Page - ON Semiconductor NCP3237/D Datasheet HTML 17Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
NCP3237
www.onsemi.com
13
Figure 15. Timing Diagram of Low−Side Over Current Protection
PGOOD
GH
GL
Thiccup_OCP = 4TSS
TBST
Inductor
Current
LSOCP
Counter
GH = L
GL−>L @ZCD
HSOCP trip level
LSOCP trip level
1 cycle
Extended
cycle
+2
+2
+2
+2
+2
−1
−1
Skipped
HS on
Reset
OCP Detection
SS
Time out
TSS
LSOCP Asserted
Under Voltage Protection (UVP)
NCP3237 monitors the FB voltage to detect a UVP event.
A UVP is asserted once FB voltage drops below Vuvth for
more than UVP debounce time. When UVP is asserted, it
turns off the high side FET, and keep the low−side FET on
until a ZCD is detected. PGOOD is pulled low upon ZCD
detection
. It implements a 5 soft−start cycle time−out from
PGOOD goes low. After the time−out, it implements BST
refresh cycles before a normal soft−start attempt. Please see
Figure 16 for the timing diagram.
UVP detection starts when PGOOD delay Td_PGOOD is
expired right after a soft start, and ends in shutdown and idle
time of hiccup mode.
Figure 16. Timing Diagram of Non−latched Under Voltage Protection
FB
UVP
threshold
GND
< UVP
debounce
time
GL->L @ZCD
UVP
debounce
time
PGOOD
ZCD
PGOOD
Delay
TBST
GH = L
PGOOD = L
TSS
Thiccup



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com