công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PPFSM205G bảng dữ liệu(PDF) 6 Page - Pentair plc. All rights reserved.

tên linh kiện PPFSM205G
Giải thích chi tiết về linh kiện  PROLINE Intern al Componen ts
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PENTAIR [Pentair plc. All rights reserved.]
Trang chủ  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

PPFSM205G bảng dữ liệu(HTML) 6 Page - Pentair plc. All rights reserved.

  PPFSM205G Datasheet HTML 1Page - Pentair plc. All rights reserved. PPFSM205G Datasheet HTML 2Page - Pentair plc. All rights reserved. PPFSM205G Datasheet HTML 3Page - Pentair plc. All rights reserved. PPFSM205G Datasheet HTML 4Page - Pentair plc. All rights reserved. PPFSM205G Datasheet HTML 5Page - Pentair plc. All rights reserved. PPFSM205G Datasheet HTML 6Page - Pentair plc. All rights reserved. PPFSM205G Datasheet HTML 7Page - Pentair plc. All rights reserved. PPFSM205G Datasheet HTML 8Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
PROLINE INtERNaL COmPONENts Panel and Grid MountinG SySteM
Spec-00431 H
PH 763.422.2211 • • FAX 763.422.2600 • • PentAirProtect.com
EQUIPMENT PROTECTION
mOduLaR ENCLOsuRE systEms
6
tRaNsFORmER RaILs
Transformer Rails are used to mount heavy components and
transformers in the bottom of an enclosure.
•
The rails are slotted to fit the integral mounting holes in the
frame
•
Four clip nuts and screws are furnished to mount rails to frame
•
Four M10 clamping nuts and bolts are furnished to attach
equipment to the rails
•
Rails can be installed side to side in the frame for component
mounting
•
All mounting hardware is included
Bulletin: p20
Catalog Number
Length (mm)
Length (in.)
PTR6
534
21.02
PTR8
734
28.90
PTR12
1134
44.65
gROuNdINg baR systEm
INdustRy staNdaRds
UL Component Recognized; File No. E61997
Three sizes of grounding bars and insulated mounting brackets
are available. Bars are plated copper with M6 and M5 tapped
holes to provide a common point for grounding equipment. Fits all
enclosures if mounted vertically. See table for horizontal mounting.
Bulletin: p20
Catalog Number
Description
Length
mm/in.
Number of
Holes and
Screws M6
Number of
Holes and
Screws M5
PGS2K
Fits 400-mm deep frame
front to back horizontally
200
7.87
3/5
10/10
PGS4K
Fits 600-mm deep frame
front to back horizontally
400
15.75
9/11
20/20
PGS6K
Fits 800-mm deep frame
front to back horizontally
600
23.62
15/17
30/31
PROLINE gROuNdINg KIt
The Grounding Kit allows a PROLINE
enclosure to be grounded to VDE
specifications. Includes six 12 gauge
wires 411 mm (16.19 in.) long with
ring terminations and M6 mounting
hardware.
Bulletin: p9
Catalog Number
Wire
Size
Length Between
Ring Terminals
mm/in.
Ring Terminal
Hole Diameter
mm/in.
PGK
12 ga.
411
16.19
7
.29
gRId systEm
Grid Strap installation (side to side)
Grid strap installation
(vertical and horizontal grid straps)
Full-height vertical grid strap
A Grid System provides a flexible extension to the internal mounting system already furnished with the PROLINE frame. The Grid System
allows flexible mounting capabilities in height, width and depth. Accessories or equipment can be attached directly to the Grid System
using either cage nuts or front-loading cage nuts.



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com