| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PPFSM166G bảng dữ liệu(PDF) 5 Page - Pentair plc. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
PPFSM166G bảng dữ liệu(HTML) 5 Page - Pentair plc. All rights reserved. |
|
5 / 8 page ![]() PROLINE INtERNaL COmPONENts Panel and Grid MountinG SySteM Spec-00431 H EQUIPMENT PROTECTION SUBJECT TO CHANGE WITHOUT NOTICE mOduLaR ENCLOsuRE systEms 5 PaNEL suPPORt bRaCE Panel Support Braces give additional support to single- and double-bay panels in heavy loading applications and minimize the vibration created by components mounted on the panel. Braces can be installed on existing systems without removing the panel. Panel support braces are furnished in pairs. Braces are unpainted galvanized steel. Bulletin: p20 Catalog Number L (mm) L (in.) Fits Panel Width (mm) PSB10 911 35.87 1000 PSB12 1111 43.74 1200 PSB16 1511 59.49 1600 PSB18 1711 67.36 1800 swINg-Out PaNEL Swing-Out Panels allow a front-mounted panel to pivot out of an enclosure frame opening. This accessory includes a white panel and all the necessary hardware. • Swing-Out Panels are available for 600-, 700- and 800-mm wide enclosures • Panels provide 170 degrees of rotation, with capability to hinge from the right or left side • Spring-loaded pivot post allows for easy installation • Supports have a white finish. Hinge blocks are anodized black. • Quarter-turn latches are provided to secure the Swing-Out Panel in the closed position Bulletin: p20 Catalog Number H (mm) H (in.) W (mm) W (in.) Fits Frame Fits Frame Width PSP76 538 21.18 515 20.28 700 or taller 600 PSP146 1238 48.74 515 20.28 1400 or taller 600 PSP166 1438 56.61 515 20.28 1600 or taller 600 PSP186 1638 64.49 515 20.28 1800 or taller 600 PSP206 1838 72.36 515 20.28 2000 or taller 600 PSP226 2038 80.24 515 20.28 2200 tall 600 PSP77 538 21.18 615 24.21 700 or taller 700 PSP147 1238 48.74 615 24.21 1400 or taller 700 PSP207 1838 72.36 615 24.21 2000 or taller 700 PSP78 538 21.18 715 28.15 700 or taller 800 PSP148 1238 48.74 715 28.15 1400 or taller 800 PSP168 1438 56.61 715 28.15 1600 or taller 800 PSP188 1638 64.49 715 28.15 1800 or taller 800 PSP208 1838 72.36 715 28.15 2000 or taller 800 PSP228 2038 80.24 715 28.15 2200 tall 800 |