| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PPF2012 bảng dữ liệu(PDF) 4 Page - Pentair plc. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
PPF2012 bảng dữ liệu(HTML) 4 Page - Pentair plc. All rights reserved. |
|
4 / 8 page ![]() PROLINE INtERNaL COmPONENts Panel and Grid MountinG SySteM Spec-00431 H PH 763.422.2211 • • FAX 763.422.2600 • • PentAirProtect.com EQUIPMENT PROTECTION mOduLaR ENCLOsuRE systEms 4 sIdE-mOuNt subPaNEL Side-mounted panels can be installed on the interior sides of frames. The panel and all the hardware needed to attach the subpanels to a frame are included. Hardware is plated. Panels are 12 gauge steel with a white finish. Conductive panels are unpainted galvanized steel. Bulletin: p20 Catalog Number Material H (mm) H (in.) W (mm) W (in.) PPFSM76 Steel 608 23.94 447 17.60 PPFSM76G Conductive 608 23.94 447 17.60 PPFSM145 Steel 1308 51.50 347 13.66 PPFSM145G Conductive 1308 51.50 347 13.66 PPFSM146 Steel 1308 51.50 447 17.60 PPFSM148 Steel 1308 51.50 647 25.47 PPFSM148G Conductive 1308 51.50 647 25.47 PPFSM164G Conductive 1508 59.37 247 9.72 PPFSM165G Conductive 1508 59.37 347 13.66 PPFSM166 Steel 1508 59.37 447 17.60 PPFSM166G Conductive 1508 59.37 447 17.60 PPFSM168 Steel 1508 59.37 647 25.47 PPFSM168G Conductive 1508 59.37 647 25.47 PPFSM169 Steel 1508 59.37 747 29.41 PPFSM169G Conductive 1508 59.37 747 29.41 PPFSM184 Steel 1708 67.24 247 9.72 PPFSM185 Steel 1708 67.24 347 13.66 PPFSM185G Conductive 1708 67.24 347 13.66 PPFSM186 Steel 1708 67.24 447 17.60 PPFSM186G Conductive 1708 67.24 447 17.60 PPFSM188 Steel 1708 67.24 647 25.47 PPFSM188G Conductive 1708 67.24 647 25.47 PPFSM189 Steel 1708 67.24 747 29.41 PPFSM189G Conductive 1708 67.24 747 29.41 PPFSM204 Steel 1908 75.12 247 9.72 PPFSM204G Conductive 1908 75.12 247 9.72 PPFSM205 Steel 1908 75.12 347 13.66 PPFSM205G Conductive 1908 75.12 347 13.66 PPFSM206 Steel 1908 75.12 447 17.60 PPFSM206G Conductive 1908 75.12 447 17.60 PPFSM208 Steel 1908 75.12 647 25.47 PPFSM208G Conductive 1908 75.12 647 25.47 PPFSM209 Steel 1908 75.12 747 29.41 PPFSM209G Conductive 1908 75.12 747 29.41 PPFSM225 Steel 2108 82.99 347 13.66 PPFSM225G Conductive 2108 82.99 347 13.66 PPFSM226 Steel 2108 82.99 447 17.60 PPFSM226G Conductive 2108 82.99 447 17.60 PPFSM228 Steel 2108 82.99 647 25.47 PPFSM228G Conductive 2108 82.99 647 25.47 PPFSM229 Steel 2108 82.99 747 29.41 PPFSM229G Conductive 2108 82.99 747 29.41 |