| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
D19FVT69G bảng dữ liệu(PDF) 2 Page - Pentair plc. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
D19FVT69G bảng dữ liệu(HTML) 2 Page - Pentair plc. All rights reserved. |
|
2 / 12 page ![]() ShelveS, Keyboard TrayS and Gland PlaTeS ShelveS For open Frame rackS Spec-00035 S PH 763.422.2211 • • FAX 763.422.2600 • • PentAirProtect.com EQUIPMENT PROTECTION acceSSorieS 2 double-Sided Solid aluminum ShelF Mounts on 19-in. open frame rack. Two shelves form double-sided shelf. Uses 4U rack space. Made of 0.090-in. thick aluminum with brushed finish. Maximum load rating: 100 lb. (45.4 kg) per side, 200 lb. (90.7 kg) total Bulletin: DAccY Catalog Number H x W x D in./mm Fits Rack Includes Rack Units ESHDA19 5.62 x 19.31 x 9.37 143 x 490 x 238 19 in. 2 shelves 4 double-Sided, Solid aluminum, heavy duTy ShelF Mounts on open frame rack. Two shelves form double-sided shelf. Uses 4U rack space. Made of 0.090-in. thick aluminum with brushed finish. Maximum Load Rating: 150 lb. (68.0 kg) per side, 300 lb. (136.1 kg) total Bulletin: DAccY Catalog Number H x W x D in./mm Fits Rack Includes Rack Units ESHDHDA19 6.37 x 19.31 x 10.00 162 x 490 x 254 19 in. 2 shelves 4 SinGle-Sided Solid aluminum ShelF Mounts in a cabinet or on a 19-in. open-frame rack and can be wall mounted. Made of 0.090-in. thick aluminum with brushed finish. Maximum load rating: 100 lb. (45.4 kg) Bulletin: DAccY Catalog Number H x W x D in./mm Fits Rack Rack Units ESHA19 5.25 x 18.31 x 15.00 133 x 465 x 381 19 in. 3 SinGle-Sided Solid-STeel ShelF Solid shelf mounts to either front or rear flange of open-frame rack. Uses 3U of rack space. Steel with textured black finish. Load rating: 150 lb. (68.0 kg) Bulletin: DAccY Catalog Number H x W x D in./mm Fits Rack Rack Units ESH19S 4.85 x 19.00 x 10.50 123 x 483 x 267 19 in. 3 ESH23S 4.85 x 23.00 x 10.50 123 x 584 x 267 23 in. 3 |