| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TPS22934 bảng dữ liệu(PDF) 1 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TPS22934 bảng dữ liệu(HTML) 1 Page - Texas Instruments |
|
1 / 25 page ![]() TPS22934 VIN VOUT RL1 CL1 GND ON GND CIN1 RL2 CL2 GND LOAD 1 LOAD 2 VREG=1.8V CIN2 VREG=2.8V GND GND Li-ion Battery Product Folder Sample & Buy Technical Documents Tools & Software Support & Community TPS22934 SLVSAD4B – AUGUST 2010 – REVISED APRIL 2015 Ultra-Small, Low-Input-Voltage, Low rON Load Switch With Hysteresis Control Input 1 Features 3 Description The TPS22934 is a small, low ON-resistance (rON) 1 • Integrated Single Channel Load Switch load switch with controlled turnon. The devices • Input Voltage: 1.5 V to 3.6 V contain a P-channel MOSFETs that can operate over • ON-Resistance an input voltage range of 1.5 V to 3.6 V. – rDS(ON) = 63 mΩ at VIN = 3.6 V The switch is controlled by an ON/OFF input (ON), – rDS(ON) = 69 mΩ at VIN = 2.5 V which has built-in hysteresis (VTH+(typ) = 2.35 V) allowing an easy use of TPS22934 in power-rail – rDS(ON) = 78 mΩ at VIN = 1.8 V sequencing applications. – rDS(ON) = 87 mΩ at VIN = 1.5 V In the TPS22934 a 35- Ω on-chip load resistor is • 1-A Maximum Continuous Switch Current added for output quick discharge when switch is • Integrated Hysteresis Enable Input (ON Pin) turned off. Allows Easy Power-Rail Sequencing In the TPS22934, the rise time of the device is • Controlled Slew Rate Option: 26 µs at 3.6 V internally controlled to avoid inrush current. The • Quick Output Discharge Transistor TPS22934 features a typical rise time of 26 µs with a 3.6-V input. • Ultra-Small CSP-4 Package • ESD Performance Tested Per JESD 22 The the TPS22934 is available in an ultra-small space-saving 4-pin CSP package and is – 3000-V Human-Body Model characterized for operation over the free-air (A114-B, Class II) temperature range of –40ºC to 85ºC. – 1000-V Charged-Device Model (C101) Device Information(1) 2 Applications PART NUMBER PACKAGE BODY SIZE (NOM) • Battery-Powered Equipment TPS22934 DSBGA (4) 0.90 mm × 0.90 mm • Portable Industrial Equipment (1) For all available packages, see the orderable addendum at the end of the data sheet. • Portable Medical Equipment • Portable Media Players • Point-of-Sales Terminals • GPS Devices • Digital Cameras • Portable Instrumentation • Smart Phones Typical Application 1.8-V Power-Rail Sequencing 1 An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and other important disclaimers. PRODUCTION DATA. |
Số phần tương tự - TPS22934 |
|
Mô tả tương tự - TPS22934 |