| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
JL05-2A22-23SC-F0-RK bảng dữ liệu(PDF) 2 Page - Japan Aviation Electronics Industry, Ltd. |
|
|
|||||||||||||||||||||||||||||
JL05-2A22-23SC-F0-RK bảng dữ liệu(HTML) 2 Page - Japan Aviation Electronics Industry, Ltd. |
|
2 / 3 page ![]() Wire Termination Method Crimp Applicable Wire Size (AWG/Cross-sectional Area of Conductor/Insulation outer diameter) Contact Size #12 C1... #16 to #12AWG / 1.25 mm2 to 3.5 mm2 / Φ4.65 mm max. Hand Crimping Tool - Semi-automatic Crimp tool - Outer Shell Color Black system interference color Material of Contact - Finish of Contact in Connecting Area - Contact Resistance - Dielectric Withstanding Voltage (1 minute) AC 2,800 Vr.m.s. (Terminals No. 4), AC 2,000 Vr.m.s. (Other terminals) Insulation Resistance 5,000 megohm min. Operating Temperature Range -55 Deg. C to +125 Deg. C Applicable Contacts CONT-JL05-12S-C1-10 Applicable Accessory - Applicable Product Part Numbers RoHS compliant 10 substances (2011/65/EU, (EU)2015/863) REACH compliant Combination JL05-6A22-23PC-F0-R Remarks No contact (Sold separately) Notice The values specified in this web site are only for reference. The products and their specifications are subject to change without notice. Contact our sales staff for further information before considering or ordering any of our products. For purchase, a product specification must be agreed upon. 1. |