| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7789 bảng dữ liệu(PDF) 52 Page - Sitronix Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ST7789 bảng dữ liệu(HTML) 52 Page - Sitronix Technology Co., Ltd. |
|
52 / 316 page ![]() ST7789VI Version 1.4 Page 52 of 315 2014/04 Sitronix Confidential The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of Sitronix. Figure 8 8080-Series WRX Protocol Note: WRX is an unsynchronized signal (It can be stopped). Figure 9 8080-Series Parallel Bus Protocol, Write to Register or Display RAM 8.2.2 Read cycle sequence The read cycle (RDX high-low-high sequence) means that the host reads information from LCD driver via interface. The driver sends data (D[17:0]) to the host when there is a falling edge of RDX and the host reads data when there is a rising edge of RDX. |