| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST7789VI bảng dữ liệu(PDF) 4 Page - Sitronix Technology Co., Ltd. |
|
|
|||||||||||||||||||||||||||||
ST7789VI bảng dữ liệu(HTML) 4 Page - Sitronix Technology Co., Ltd. |
|
4 / 316 page ![]() ST7789VI Version 1.4 Page 4 of 315 2014/04 Sitronix Confidential The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or disclosed in whole or in part without prior written permission of Sitronix. 8.8.21 8080-Ⅰ series 9-Bit Parallel Interface............................................................................................... 86 8.8.22 Write 9-bit data for RGB 5-6-5-bit input (65K-Color), 3Ah=”05h”.................................................... 86 8.8.23 Write 9-bit data for RGB 6-6-6-bit input (262K-Color), 3Ah=”06h”, MDT[1:0]=”00b”.................. 87 8.8.24 Write 9-bit data for RGB 6-6-6-bit input (262K-Color), 3Ah=”06h”, MDT[1:0]=”01b”.................. 88 8.8.25 8080-Ⅱ series 9-bit Parallel Interface ............................................................................................... 89 8.8.26 Write 9-bit data for RGB 5-6-5-bit input (65K-Color), 3Ah=”05h”.................................................... 89 8.8.27 Write 9-bit data for RGB 6-6-6-bit input (262K-Color), 3Ah=”06h”, MDT[1:0]=”00b”.................. 90 8.8.28 Write 9-bit data for RGB 6-6-6-bit input (262K-Color), 3Ah=”06h”, MDT[1:0]=”01b”.................. 91 8.8.29 8080-Ⅰ series 18-Bit Parallel Interface............................................................................................. 92 8.8.30 18-bit data bus for 12-bit/pixel (RGB-4-4-4-bit input), 4K-colors, 3Ah=”03h” ................................. 93 8.8.31 18-bit data bus for 16-bit/pixel (RGB-5-6-5-bit input), 65K-colors, 3Ah=”05h” ............................... 94 8.8.32 18-bit data bus for 18-bit/pixel (RGB-6-6-6-bit input), 262K-colors, 3Ah=”06h” ............................. 96 8.8.33 8080-Ⅱ series 18-Bit Parallel Interface............................................................................................. 97 8.8.34 18-bit data bus for 16-bit/pixel (RGB-5-6-5-bit input), 65K-colors, 3Ah=”05h” ............................... 98 8.8.35 18-bit data bus for 18-bit/pixel (RGB-6-6-6-bit input), 262K-colors, 3Ah=”06h” ........................... 100 8.8.36 3-Line Serial Interface ....................................................................................................................... 101 8.8.37 Write data for 12-bit/pixel (RGB-4-4-4 bit input), 4K-Colors, 3Ah=”03h” ...................................... 101 8.8.38 Write data for 16-bit/pixel (RGB 5-6-5-bit input), 65K-Colors, 3Ah=”05h” .................................... 102 8.8.39 Write data for 18-bit/pixel (RGB-6-6-6-bit input), 262K-Colors, 3Ah=”06h”.................................. 102 8.8.40 4-Line Serial Interface ....................................................................................................................... 103 8.8.41 Write data for 12-bit/pixel (RGB 4-4-4-bit input), 4K-Colors, 3Ah=”03h” ...................................... 103 8.8.42 Write data for 16-bit/pixel (RGB-5-6-5-bit input), 65K-Colors, 3Ah=”05h”.................................... 104 8.8.43 Write data for 18-bit/pixel (RGB-6-6-6-bit input), 262K-Colors, 3Ah=”06h”.................................. 105 8.9 RGB INTERFACE........................................................................................................................................... 106 8.9.1 RGB interface Selection .......................................................................................................................... 106 8.9.2 RGB Color Format ................................................................................................................................. 106 8.9.3 RGB Interface Definition ........................................................................................................................ 112 8.9.4 RGB Interface Mode Selection................................................................................................................ 113 8.9.5 RGB Interface Timing ............................................................................................................................. 114 8.10 VSYNC INTERFACE ..................................................................................................................................... 117 8.10.1 18-bit RGB Interface .......................................................................................................................... 117 8.10.2 VSYNC Interface Mode ...................................................................................................................... 119 8.11 DISPLAY DATA RAM .................................................................................................................................... 121 8.11.1 Configuration ..................................................................................................................................... 121 8.11.2 Memory to display address mapping.................................................................................................. 122 8.12 ADDRESS CONTROL...................................................................................................................................... 123 8.13 NORMAL DISPLAY ON OR PARTIAL MODE ON, VERTICAL SCROLL OFF ........................................................ 125 8.14 VERTICAL SCROLL MODE ............................................................................................................................. 127 |