| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SSCD202 bảng dữ liệu(PDF) 20 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SSCD202 bảng dữ liệu(HTML) 20 Page - Texas Instruments |
|
20 / 25 page ![]() PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish MSL Peak Temp (3) ISO7240ADW ACTIVE SOIC DW 16 49 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR ISO7240ADWG4 ACTIVE SOIC DW 16 49 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR ISO7240ADWR ACTIVE SOIC DW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR ISO7240ADWRG4 ACTIVE SOIC DW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR ISO7240CDW ACTIVE SOIC DW 16 49 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR ISO7240CDWG4 ACTIVE SOIC DW 16 49 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR ISO7240CDWR ACTIVE SOIC DW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR ISO7240CDWRG4 ACTIVE SOIC DW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR ISO7240MDW ACTIVE SOIC DW 16 49 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR ISO7240MDWG4 ACTIVE SOIC DW 16 49 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR ISO7240MDWR ACTIVE SOIC DW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR ISO7240MDWRG4 ACTIVE SOIC DW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR ISO7241ADW ACTIVE SOIC DW 16 49 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR ISO7241ADWR ACTIVE SOIC DW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR ISO7241CDW ACTIVE SOIC DW 16 49 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR ISO7241CDWR ACTIVE SOIC DW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR ISO7241MDW ACTIVE SOIC DW 16 49 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR ISO7241MDWR ACTIVE SOIC DW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR ISO7242ADW ACTIVE SOIC DW 16 49 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR ISO7242ADWR ACTIVE SOIC DW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR ISO7242CDW ACTIVE SOIC DW 16 49 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR ISO7242CDWR ACTIVE SOIC DW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR ISO7242MDW ACTIVE SOIC DW 16 49 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR ISO7242MDWR ACTIVE SOIC DW 16 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-3-260C-168 HR (1) The marketing status values are defined as follows: PACKAGE OPTION ADDENDUM www.ti.com 21-Dec-2007 Addendum-Page 1 |