| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
EGC2015AFB bảng dữ liệu(PDF) 27 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
EGC2015AFB bảng dữ liệu(HTML) 27 Page - Eaton All Rights Reserved. |
|
27 / 63 page ![]() Volume 9—OEM—Original Equipment Manufacturer CA08100011E—February 2014 www.eaton.com V9-T1-27 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1.1 Circuit Protection Circuit Breakers FAZ-NA UL 489 Circuit Breakers—10 kAIC, 14 kAIC D Curve (13–20A) FAZ-RT UL 489 Circuit Breakers with Ring-Tongue Terminals—10 kAIC, 14 kAIC D Curve (13–20A) FAZ-NA-DC UL 489 Circuit Breakers—10 kAIC at 125 Vdc Per Pole Notes 1 Option for single packaging on single-pole C and D curves only; add suffix SP when ordering. 2 240 Vac rated only. 3 Option for single packaging on single-pole C curves only; add suffix SP when ordering. Amperes Single-Pole 1 Catalog Number Two-Pole Catalog Number Three-Pole Catalog Number D Curve (10–20X In Current Rating) 0.5 FAZ-D0.5/1-NA-SP FAZ-D0.5/2-NA FAZ-D0.5/3-NA 1 FAZ-D1/1-NA-SP FAZ-D1/2-NA FAZ-D1/3-NA 1.5 FAZ-D1.5/1-NA-SP FAZ-D1.5/2-NA FAZ-D1.5/3-NA 2 FAZ-D2/1-NA-SP FAZ-D2/2-NA FAZ-D2/3-NA 3 FAZ-D3/1-NA-SP FAZ-D3/2-NA FAZ-D3/3-NA 4 FAZ-D4/1-NA-SP FAZ-D4/2-NA FAZ-D4/3-NA 5 FAZ-D5/1-NA-SP FAZ-D5/2-NA FAZ-D5/3-NA 6 FAZ-D6/1-NA-SP FAZ-D6/2-NA FAZ-D6/3-NA 7 FAZ-D7/1-NA-SP FAZ-D7/2-NA FAZ-D7/3-NA 8 FAZ-D8/1-NA-SP FAZ-D8/2-NA FAZ-D8/3-NA 10 FAZ-D10/1-NA-SP FAZ-D10/2-NA FAZ-D10/3-NA 13 FAZ-D13/1-NA-SP FAZ-D13/2-NA FAZ-D13/3-NA 15 FAZ-D15/1-NA-SP FAZ-D15/2-NA FAZ-D15/3-NA 16 FAZ-D16/1-NA-SP FAZ-D16/2-NA FAZ-D16/3-NA 20 FAZ-D20/1-NA-SP FAZ-D20/2-NA FAZ-D20/3-NA 25 FAZ-D25/1-NA-SP FAZ-D25/2-NA FAZ-D25/3-NA 30 FAZ-D30/1-NA-SP FAZ-D30/2-NA FAZ-D30/3-NA 32 FAZ-D32/1-NA-SP FAZ-D32/2-NA FAZ-D32/3-NA 35 2 FAZ-D35/1-NA-SP FAZ-D35/2-NA FAZ-D35/3-NA 40 2 FAZ-D40/1-NA-SP FAZ-D40/2-NA FAZ-D40/3-NA Amperes Single-Pole 1 Catalog Number Two-Pole Catalog Number Three-Pole Catalog Number D Curve with Ring-Tongue Terminals (10–20X In Current Rating) 0.5 FAZ-D0.5/1-RT-SP FAZ-D0.5/2-RT FAZ-D0.5/3-RT 1 FAZ-D1/1-RT-SP FAZ-D1/2-RT FAZ-D1/3-RT 1.5 FAZ-D1.5/1-RT-SP FAZ-D1.5/2-RT FAZ-D1.5/3-RT 2 FAZ-D2/1-RT-SP FAZ-D2/2-RT FAZ-D2/3-RT 3 FAZ-D3/1-RT-SP FAZ-D3/2-RT FAZ-D3/3-RT 4 FAZ-D4/1-RT-SP FAZ-D4/2-RT FAZ-D4/3-RT 5 FAZ-D5/1-RT-SP FAZ-D5/2-RT FAZ-D5/3-RT 6 FAZ-D6/1-RT-SP FAZ-D6/2-RT FAZ-D6/3-RT 7 FAZ-D7/1-RT-SP FAZ-D7/2-RT FAZ-D7/3-RT 8 FAZ-D8/1-RT-SP FAZ-D8/2-RT FAZ-D8/3-RT 10 FAZ-D10/1-RT-SP FAZ-D10/2-RT FAZ-D10/3-RT 13 FAZ-D13/1-RT-SP FAZ-D13/2-RT FAZ-D13/3-RT 15 FAZ-D15/1-RT-SP FAZ-D15/2-RT FAZ-D15/3-RT 16 FAZ-D16/1-RT-SP FAZ-D16/2-RT FAZ-D16/3-RT 20 FAZ-D20/1-RT-SP FAZ-D20/2-RT FAZ-D20/3-RT 25 FAZ-D25/1-RT-SP FAZ-D25/2-RT FAZ-D25/3-RT 30 FAZ-D30/1-RT-SP FAZ-D30/2-RT FAZ-D30/3-RT 32 FAZ-D32/1-RT-SP FAZ-D32/2-RT FAZ-D32/3-RT 35 2 FAZ-D35/1-RT-SP FAZ-D35/2-RT FAZ-D35/3-RT 40 2 FAZ-D40/1-RT-SP FAZ-C40/2-RT FAZ-D40/3-RT Amperes Single-Pole 3 Catalog Number Two-Pole Catalog Number C Curve (5–10X In Current Rating) 2 FAZ-C2/1-NA-DC-SP FAZ-C2/2-NA-DC 3 FAZ-C3/1-NA-DC-SP FAZ-C3/2-NA-DC 4 FAZ-C4/1-NA-DC-SP FAZ-C4/2-NA-DC 5 FAZ-C5/1-NA-DC-SP FAZ-C5/2-NA-DC 6 FAZ-C6/1-NA-DC-SP FAZ-C6/2-NA-DC 7 FAZ-C7/1-NA-DC-SP FAZ-C7/2-NA-DC 8 FAZ-C8/1-NA-DC-SP FAZ-C8/2-NA-DC 10 FAZ-C10/1-NA-DC-SP FAZ-C10/2-NA-DC 13 FAZ-C13/1-NA-DC-SP FAZ-C13/2-NA-DC 15 FAZ-C15/1-NA-DC-SP FAZ-C15/2-NA-DC 16 FAZ-C16/1-NA-DC-SP FAZ-C16/2-NA-DC 20 FAZ-C20/1-NA-DC-SP FAZ-C20/2-NA-DC 25 FAZ-C25/1-NA-DC-SP FAZ-C25/2-NA-DC 30 FAZ-C30/1-NA-DC-SP FAZ-C30/2-NA-DC 32 FAZ-C32/1-NA-DC-SP FAZ-C32/2-NA-DC 35 FAZ-C35/1-NA-DC-SP FAZ-C35/2-NA-DC 40 FAZ-C40/1-NA-DC-SP FAZ-C40/2-NA-DC |