| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLV70235DBVR bảng dữ liệu(PDF) 22 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLV70235DBVR bảng dữ liệu(HTML) 22 Page - Texas Instruments |
|
22 / 37 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 29-May-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) TLV70233DBVT.A Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 QVD TLV70233DBVT.B Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 QVD TLV70233DSER Active Production WSON (DSE) | 6 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 WK TLV70233DSER.B Active Production WSON (DSE) | 6 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 WK TLV70233DSET Active Production WSON (DSE) | 6 250 | SMALL T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 WK TLV70233DSET.B Active Production WSON (DSE) | 6 250 | SMALL T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 WK TLV70233PDBVR Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 SLH TLV70233PDBVR.B Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 SLH TLV70233PDBVRG4.B Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 SLH TLV70233PDBVT Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 SLH TLV70233PDBVT.B Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 SLH TLV70235DBVR Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 SDT TLV70235DBVR.A Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 SDT TLV70235DBVR.B Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 SDT TLV70235DBVT Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 SDT TLV70235DBVT.A Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 SDT TLV70235DBVT.B Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes SN Level-1-260C-UNLIM -40 to 125 SDT TLV70236DSER Active Production WSON (DSE) | 6 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 VZ TLV70236DSER.B Active Production WSON (DSE) | 6 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 VZ TLV70236DSET Active Production WSON (DSE) | 6 250 | SMALL T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 VZ TLV70236DSET.B Active Production WSON (DSE) | 6 250 | SMALL T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 VZ TLV70237DBVR Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 QXR TLV70237DBVR.A Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 QXR TLV70237DBVR.B Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 QXR TLV70237DBVT Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes NIPDAU | NIPDAU Level-1-260C-UNLIM -40 to 125 QXR TLV70237DBVT.A Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 QXR TLV70237DBVT.B Active Production SOT-23 (DBV) | 5 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 QXR TLV70237DSER Active Production WSON (DSE) | 6 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 D8 TLV70237DSER.B Active Production WSON (DSE) | 6 3000 | LARGE T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 D8 TLV70237DSET Active Production WSON (DSE) | 6 250 | SMALL T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 D8 TLV70237DSET.B Active Production WSON (DSE) | 6 250 | SMALL T&R Yes NIPDAUAG Level-1-260C-UNLIM -40 to 125 D8 Addendum-Page 4 |