| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLV2341IPWLE bảng dữ liệu(PDF) 43 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TLV2341IPWLE bảng dữ liệu(HTML) 43 Page - Texas Instruments |
|
43 / 53 page ![]() TLV2341, TLV2341Y LinCMOS ™ PROGRAMMABLE LOW-VOLTAGE OPERATIONAL AMPLIFIERS SLOS110A – MAY 1992 – REVISED AUGUST 1994 43 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 PARAMETER MEASUREMENT INFORMATION single-supply versus split-supply test circuits Because the TLV2341 is optimized for single-supply operation, circuit configurations used for the various tests often present some inconvenience since the input signal, in many cases, must be offset from ground. This inconvenience can be avoided by testing the device with split supplies and the output load tied to the negative rail. A comparison of single-supply versus split-supply test circuits is shown below. The use of either circuit gives the same result. – + – + VDD VI CL RL VO VDD + VDD – VI VO CL RL (a) SINGLE SUPPLY (b) SPLIT SUPPLY Figure 92. Unity-Gain Amplifier – + – + 1/2 VDD VDD 20 Ω 20 Ω 2 k Ω 2 k Ω VDD + VDD – VOVO 20 Ω 20 Ω (a) SINGLE SUPPLY (b) SPLIT SUPPLY Figure 93. Noise-Test Circuits – + – + 10 k Ω 1/2 VDD 100 Ω VO VDD VI VI 100 Ω (a) SINGLE SUPPLY (b) SPLIT SUPPLY 10 k Ω VDD + VDD – CL CL VO Figure 94. Gain-of-100 Inverting Amplifier |