công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLV2221CDBVT bảng dữ liệu(PDF) 18 Page - Texas Instruments

tên linh kiện TLV2221CDBVT
Giải thích chi tiết về linh kiện  Advanced LinCMOS™ RAIL-TO-RAIL VERY LOW-POWER SINGLE OPERATIONAL AMPLIFIERS
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TLV2221CDBVT bảng dữ liệu(HTML) 18 Page - Texas Instruments

Back Button TLV2221CDBVT Datasheet HTML 14Page - Texas Instruments TLV2221CDBVT Datasheet HTML 15Page - Texas Instruments TLV2221CDBVT Datasheet HTML 16Page - Texas Instruments TLV2221CDBVT Datasheet HTML 17Page - Texas Instruments TLV2221CDBVT Datasheet HTML 18Page - Texas Instruments TLV2221CDBVT Datasheet HTML 19Page - Texas Instruments TLV2221CDBVT Datasheet HTML 20Page - Texas Instruments TLV2221CDBVT Datasheet HTML 21Page - Texas Instruments TLV2221CDBVT Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
TLV2221, TLV2221Y
Advanced LinCMOS RAILTORAIL
VERY LOW POWER SINGLE OPERATIONAL AMPLIFIERS
SLOS157B − JUNE 1996 − REVISED APRIL 2005
18
WWW.TI.COM
TYPICAL CHARACTERISTICS
Figure 28
f − Frequency − Hz
COMMON-MODE REJECTION RATIO†
vs
FREQUENCY
80
40
20
0
100
60
10 1
10 2
10 3
10 4
10 5
10 6
VDD = 5 V
VIC = 2.5 V
TA = 25°C
VDD = 3 V
VIC = 1.5 V
Figure 29
COMMON-MODE REJECTION RATIO†‡
vs
FREE-AIR TEMPERATURE
TA − Free-Air Temperature − °C
88
86
84
82
80
78
− 75
− 50
− 25
0
25
50
75
100
125
VDD = 5 V
VDD = 3 V
Figure 30
f − Frequency − Hz
SUPPLY-VOLTAGE REJECTION RATIO†
vs
FREQUENCY
60
40
20
100
80
0
−20
10 1
10 2
10 3
10 4
10 5
10 6
kSVR +
kSVR −
VDD = 3 V
TA = 25°C
Figure 31
f − Frequency − Hz
SUPPLY-VOLTAGE REJECTION RATIO†
vs
FREQUENCY
VDD = 5 V
TA = 25°C
kSVR −
kSVR +
100
80
60
40
20
0
−20
101
10 2
10 3
10 4
10 5
10 6
‡ Data at high and low temperatures are applicable only within the rated operating free-air temperature ranges of the various devices.
† For all curves where VDD = 5 V, all loads are referenced to 2.5 V. For all curves where VDD = 3 V, all loads are referenced to 1.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com