công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLK1501IRCPR bảng dữ liệu(PDF) 14 Page - Texas Instruments

tên linh kiện TLK1501IRCPR
Giải thích chi tiết về linh kiện  0.6 TO 1.5 GBPS TRANSCEIVER
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

TLK1501IRCPR bảng dữ liệu(HTML) 14 Page - Texas Instruments

Back Button TLK1501IRCPR Datasheet HTML 10Page - Texas Instruments TLK1501IRCPR Datasheet HTML 11Page - Texas Instruments TLK1501IRCPR Datasheet HTML 12Page - Texas Instruments TLK1501IRCPR Datasheet HTML 13Page - Texas Instruments TLK1501IRCPR Datasheet HTML 14Page - Texas Instruments TLK1501IRCPR Datasheet HTML 15Page - Texas Instruments TLK1501IRCPR Datasheet HTML 16Page - Texas Instruments TLK1501IRCPR Datasheet HTML 17Page - Texas Instruments TLK1501IRCPR Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
TLK1501
0.6 TO 1.5 GBPS TRANSCEIVER
SLLS428F − JUNE 2000 − REVISED JANUARY 2004
14
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
reference clock input
The reference clock (GTX_CLK) is an external input clock that synchronizes the transmitter interface. The
reference clock is then multiplied in frequency 10 times to produce the internal serialization bit clock. The internal
serialization bit clock is frequency-locked to the reference clock and used to clock out the serial transmit data
on both its rising and falling edge, providing a serial data rate that is 20 times the reference clock.
operating frequency range
The TLK1501 is optimized for operation at a serial data rate of 1.2 Gbps. The TLK1501 may operate at a serial
data rate between 0.6 Gbps to 1.5 Gbps. The GTX_CLK must be within
±100 PPM of the desired parallel data
rate clock.
testability
The TLK1501 has a comprehensive suite of built-in self-tests. The loopback function provides for at-speed
testing of the transmit/receive portions of the circuitry. The enable terminal allows for all circuitry to be disabled
so that an quiescent current test can be performed. The PRBS function allows for a BIST (built-in self-test).
loopback testing
The transceiver can provide a self-test function by enabling (LOOPEN) the internal loop-back path. Enabling
this terminal causes serial-transmitted data to be routed internally to the receiver. The parallel data output can
be compared to the parallel input data for functional verification. (The external differential output is held in a
high-impedance state during the loopback testing.)
built-in self-test (BIST)
The TLK1501 has a BIST function. By combining PRBS with loopback, an effective self-test of all the circuitry
running at full speed can be realized. The successful completion of the BIST is reported on the
RX_ER/PRBS_PASS terminal.
power-on reset
Upon application of minimum valid power, the TLK1501 generates a power-on reset. During the power-on reset
the RXD, RX_ER, and RX_DV/LOS signal terminals to go to a high-impedance state. The RX_CLK is held low.
The length of the power-on reset cycle is dependent upon the REFCLK frequency, but is less than 1 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com