| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PAL16R4 bảng dữ liệu(PDF) 16 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PAL16R4 bảng dữ liệu(HTML) 16 Page - Texas Instruments |
|
16 / 27 page ![]() TIBPAL16R4-10C, TIBPAL16R6-10C, TIBPAL16R8-10C HIGH-PERFORMANCE IMPACT-X ™ PAL® CIRCUITS SRPS017 − D3023, MAY 1987 − REVISED DECEMBER 2010 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 16 metastable characteristics of TIBPAL16R4-10C, TIBPAL16R6-10C, and TIBPAL16R8-10C At some point a system designer is faced with the problem of synchronizing two digital signals operating at two different frequencies. This problem is typically overcome by synchronizing one of the signals to the local clock through use of a flip-flop. However, this solution presents an awkward dilemma since the setup and hold time specifications associated with the flip-flop are sure to be violated. The metastable characteristics of the flip-flop can influence overall system reliability. Whenever the setup and hold times of a flip-flop are violated, its output response becomes uncertain and is said to be in the metastable state if the output hangs up in the region between VIL and VIH. This metastable condition lasts until the flip-flop falls into one of its two stable states, which takes longer than the specified maximum propagation delay time (CLK to Q max). From a system engineering standpoint, a designer cannot use the specified data sheet maximum for propagation delay time when using the flip-flop as a data synchronizer − how long to wait after the specified data sheet maximum must be known before using the data in order to guarantee reliable system operation. The circuit shown in Figure 4 can be used to evaluate MTBF (Mean Time Between Failure) and Δt for a selected flip-flop. Whenever the Q output of the DUT is between 0.8 V and 2 V, the comparators are in opposite states. When the Q output of the DUT is higher than 2 V or lower than 0.8 V, the comparators are at the same logic level. The outputs of the two comparators are sampled a selected time (Δt) after SCLK. The exclusive OR gate detects the occurrence of a failure and increments the failure counter. C1 C1 + 1D 1D C1 C1 1D VIH Comparator VIL Comparator Noise Generator DUT MTBF Counter 1D DATA IN SCLK SCLK + Δt Figure 4. Metastable Evaluation Test Circuit In order to maximize the possibility of forcing the DUT into a metastable state, the input data signal is applied so that it always violates the setup and hold time. This condition is illustrated in the timing diagram in Figure 5. Any other relationship of SCLK to data will provide less chance for the device to enter into the metastable state. Δt Δt SCLK + Δt trec = Δt − CLK to Q (max) MTBF + Time (sec) # Failures Data SCLK Figure 5. Timing Diagram TIBPAL16R4-10C, 'R6-10C, 'R6-12M, 'L8-12M are Not Recommended for New Designs. TIBPAL16R8-10C, 'R8-12M are Obsolete. |