công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

THS7347IPHPR.B bảng dữ liệu(PDF) 22 Page - Texas Instruments

tên linh kiện THS7347IPHPR.B
Giải thích chi tiết về linh kiện  3-Channel RGBHV Video Buffer with I2C™ Control, 2:1 Input Mux, Monitor Pass-Through, and Selectable Input Bias Modes
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

THS7347IPHPR.B bảng dữ liệu(HTML) 22 Page - Texas Instruments

Back Button THS7347IPHPR.B Datasheet HTML 18Page - Texas Instruments THS7347IPHPR.B Datasheet HTML 19Page - Texas Instruments THS7347IPHPR.B Datasheet HTML 20Page - Texas Instruments THS7347IPHPR.B Datasheet HTML 21Page - Texas Instruments THS7347IPHPR.B Datasheet HTML 22Page - Texas Instruments THS7347IPHPR.B Datasheet HTML 23Page - Texas Instruments THS7347IPHPR.B Datasheet HTML 24Page - Texas Instruments THS7347IPHPR.B Datasheet HTML 25Page - Texas Instruments THS7347IPHPR.B Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
THS7347
SLOS531B
– MAY 2007 – REVISED OCTOBER 2011
www.ti.com
WRITE AND READ EXAMPLES
These examples illustrate the proper way to write to and read from the THS7347.
WRITING TO THE THS7347
An I2C master initiates a write operation to the THS7347 by generating a start condition (S) followed by the
THS7347 I2C address, in MSB-first order, followed by a '0' to indicate a write cycle. After receiving an
acknowledge from the THS7347, the master presents the subaddress (channel) it wants to write, consisting of
one byte of data, MSB first. The THS7347 acknowledges the byte after completion of the transfer. Finally, the
master presents the data it wants to write to the register (channel) and the THS7347 acknowledges the byte. The
I2C master then terminates the write operation by generating a stop condition (P). Note that the THS7347 does
not support multi-byte transfers. To write to all three channels (or registers), this procedure must be repeated for
each register, one series at a time (that is, repeat steps 1 through 8 for each channel).
Step 1
0
I2C Start (Master)
S
Step 2
7
6
5
4
3
2
1
0
I2C General Address (Master)
0
1
0
1
1
X
X
0
Where each X logic state is defined by I2C-A1 and I2C-A0 pins being tied to either VDD or GND.
Step 3
9
I2C Acknowledge (Slave)
A
Step 4
7
6
5
4
3
2
1
0
I2C Write Channel Address (Master)
0
0
0
0
0
Addr
Addr
Addr
Where Addr is determined by the values shown in Table 2.
Step 5
9
I2C Acknowledge (Slave)
A
Step 6
7
6
5
4
3
2
1
0
I2C Write Data (Master)
Data
Data
Data
Data
Data
Data
Data
Data
Where Data is determined by the values shown in Table 3.
Step 7
9
I2C Acknowledge (Slave)
A
Step 8
0
I2C Stop (Master)
P
22
Copyright
© 2007–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com