| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF85263ATT/AJ bảng dữ liệu(PDF) 35 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF85263ATT/AJ bảng dữ liệu(HTML) 35 Page - NXP Semiconductors |
|
35 / 100 page ![]() PCF85263A All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Product data sheet Rev. 4.1 — 27 November 2015 35 of 100 NXP Semiconductors PCF85263A Tiny RTC with alarm, battery switch-over, and I2C-bus The correction is made by adding or subtracting clock correction pulses, thereby changing the period of a single second but not by changing the oscillator frequency. It is possible to monitor when correction pulses are applied. See Section 8.8.4. 8.8.1 Correction when OFFM = 0 The correction is triggered once every four hours and then correction pulses are applied once per minute until the programmed correction values have been implemented. 8.8.2 Correction when OFFM = 1 The correction is triggered once every eight minutes and then correction pulses are applied once per second until the programmed correction values have been implemented. Clock correction is made more frequently in OFFM = 1; however, this can result in higher power consumption. Table 26. Correction pulses for OFFM = 0 Correction value Every nth hour Actual minute +1 or 14 00 +2 or 2 4 00 and 01 +3 or 3 4 00, 01, and 02 :: : +59 or 59 4 00 to 58 +60 or 60 4 00 to 59 +61 or 61 4 00 to 59 4+1 00 +62 or 62 4 00 to 59 4 + 1 00 and 01 :: : +123 or 123 4 00 to 59 4 + 1 00 to 59 4 + 2 00, 01, and 02 128 4 00 to 59 4 + 1 00 to 59 4 + 2 00 to 07 |