| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF85263ATL/A bảng dữ liệu(PDF) 85 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF85263ATL/A bảng dữ liệu(HTML) 85 Page - NXP Semiconductors |
|
85 / 100 page ![]() PCF85263A All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Product data sheet Rev. 4.1 — 27 November 2015 85 of 100 NXP Semiconductors PCF85263A Tiny RTC with alarm, battery switch-over, and I2C-bus Moisture sensitivity precautions, as indicated on the packing, must be respected at all times. Studies have shown that small packages reach higher temperatures during reflow soldering, see Figure 48. For further information on temperature profiles, refer to Application Note AN10365 “Surface mount reflow soldering description”. MSL: Moisture Sensitivity Level Fig 48. Temperature profiles for large and small components 001aac844 temperature time minimum peak temperature = minimum soldering temperature maximum peak temperature = MSL limit, damage level peak temperature |