công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FOD260LSD bảng dữ liệu(PDF) 4 Page - ON Semiconductor

tên linh kiện FOD260LSD
Giải thích chi tiết về linh kiện  3.3V/5V High Speed-10 MBit/s Logic Gate Optocouplers
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ONSEMI [ON Semiconductor]
Trang chủ  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FOD260LSD bảng dữ liệu(HTML) 4 Page - ON Semiconductor

  FOD260LSD Datasheet HTML 1Page - ON Semiconductor FOD260LSD Datasheet HTML 2Page - ON Semiconductor FOD260LSD Datasheet HTML 3Page - ON Semiconductor FOD260LSD Datasheet HTML 4Page - ON Semiconductor FOD260LSD Datasheet HTML 5Page - ON Semiconductor FOD260LSD Datasheet HTML 6Page - ON Semiconductor FOD260LSD Datasheet HTML 7Page - ON Semiconductor FOD260LSD Datasheet HTML 8Page - ON Semiconductor FOD260LSD Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
©2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FOD060L, FOD260L Rev. 1.0.5
3
Electrical Characteristics (T
A = -40°C to +85°C unless otherwise specified. Typical value is measured at
TA = 25°C and VCC = 3.3V)
Individual Component Characteristics
Switching Characteristics (T
A = -40°C to +85°C, VCC = 3.3 V, IF = 7.5 mA unless otherwise specified.
Typical value is measured at TA = 25°C and VCC = 3.3V)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
EMITTER
VF
Input Forward Voltage
IF = 10 mA
1.4
1.8
V
TA = 25°C
1.75
BVR
Input Reverse Breakdown Voltage
IR = 10 µA
5.0
V
CIN
Input Capacitance
VF = 0, f = 1 MHz
6.0
pF
∆VF/∆TA Input Diode Temperature Coefficient
IF = 10 mA
-1.9
mV/°C
DETECTOR
ICCH
High Level Supply Current
VE = 0.5 V, IF = 0 mA, VCC = 3.3 V
3.5
7
mA
ICCL
Low Level Supply Current
VE = 0.5 V, IF = 0 mA, VCC = 3.3 V
3.2
10
mA
IEL
Low Level Enable Current
VCC = 3.3 V, VE = 0.5 V
-1.6
mA
IEH
High Level Enable Current
VCC = 3.3 V, VE = 2.0 V
-1.6
mA
VEH
High Level Enable Voltage
VCC = 3.3 V, IF = 10 mA
2.0
1.27
V
VEL
Low Level Enable Voltage
VCC = 3.3 V, IF = 10 mA (Note 2)
1.18
0.8
V
Symbol
AC Characteristics
Test Conditions
Min.
Typ.
Max.
Unit
TPLH
Propagation Delay Time
to Output High Level
RL = 350Ω, CL = 15 pF (Fig. 9) (Note 3)
65
90
ns
TPHL
Propagation Delay Time
to Output Low Level
RL = 350Ω, CL = 15 pF (Fig. 9) (Note 4)
43
75
ns
|TPHL – TPLH| Pulse Width Distortion
RL = 350Ω, CL = 15 pF (Fig. 9)
23
25
ns
tPSK
Propagation Delay Skew
RL = 350Ω, CL = 15 pF (Note 5)
31
40
ns
tr
Output Rise Time
(10-90%)
RL = 350Ω, CL = 15 pF (Fig. 9)(Note 6)
22
ns
tf
Output Fall Time
(90-10%)
RL = 350Ω, CL = 15 pF (Fig. 12) (Note 7)
3
ns
tELH
Enable Propagation
Delay Time to Output
High Level
VEH = 3 V, RL = 350Ω, CL = 15 pF
(Fig. 10) (Note 8)
47
ns
tEHL
Enable Propagation
Delay Time to Output
Low Level
VEH = 3 V, RL = 350Ω, CL = 15 pF
(Fig. 10) (Note 9)
27
ns
CMH
Common Mode
Transient Immunity
(at Output High Level)
RL = 350Ω, TA =25°C, IF = 0 mA,
VOH (Min.) = 2.0V, |VCM| = 1,000 V
(Fig. 11) (Note 10)
25,000
50,000
V/µs
CML
Common Mode
Transient Immunity
(at Output Low Level)
RL = 350Ω, TA =25°C, IF = 7.5 mA,
VOL (Max.) = 0.8 V, |VCM| = 1,000 V
(Fig. 11) (Note 11)
25,000
50,000
V/µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com