công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

NH010 bảng dữ liệu(PDF) 1 Page - Vishay Siliconix

tên linh kiện NH010
Giải thích chi tiết về linh kiện  Wirewound Resistors, Industrial Power, Aluminum Housed, Chassis Mount
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  VISHAY [Vishay Siliconix]
Trang chủ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

NH010 bảng dữ liệu(HTML) 1 Page - Vishay Siliconix

  NH010 Datasheet HTML 1Page - Vishay Siliconix NH010 Datasheet HTML 2Page - Vishay Siliconix NH010 Datasheet HTML 3Page - Vishay Siliconix NH010 Datasheet HTML 4Page - Vishay Siliconix NH010 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
RH, NH
www.vishay.com
Vishay Dale
Revision: 26-Feb-16
1
Document Number: 30201
For technical questions, contact: ww2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Wirewound Resistors, Industrial Power,
Aluminum Housed, Chassis Mount
FEATURES
• Molded construction for total environmental
protection
• Complete welded construction
• Meets applicable requirements of MIL-PRF-18546
• Available in non-inductive styles (type NH) with
Ayrton-Perry
winding
for
lowest
reactive
components
• Mounts on chassis to utilize heat-sink effect
• Excellent stability in operation (< 1 % change in
resistance)
• MIL-PRF-18546 qualified, type RE resistors can
be found at: www.vishay.com/doc?30282
• Material categorization:
for
definitions
of
compliance
please
see
www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are RoHS-compliant and / or parts that are non-RoHS-compliant. For example, parts
with lead (Pb) terminations are not RoHS-compliant. Please see the information / tables in this datasheet for details.
Note
• RH005 and NH005 printed with 5 W power rating. RH010 and NH010 printed with 10 W power rating. New construction allows these
resistors to be rated at higher wattage but will only be printed with the higher wattage upon customer request
Available
Available
Available
Available
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL
HISTORICAL
MODEL
POWER
RATING
P25 °C W
RESISTANCE
RANGE
RESISTANCE
RANGE
RESISTANCE
RANGE
RESISTANCE
RANGE
WEIGHT
(typical)
g
± 0.05 %, ± 0.1 %
± 0.25 %
± 0.5 %
± 1 %, ± 3 %, ± 5 %
RH005
RH-5
7.5
0.5 to 6.75K
0.1 to 8.6K
0.05 to 8.6K
0.02 to 24.5K
3
NH005
NH-5
7.5
0.5 to 2.32K
0.1 to 3.27K
0.05 to 3.27K
0.05 to 12.75K
3
RH010
RH-10
12.5
0.5 to 12.7K
0.1 to 16.69K
0.05 to 16.69K
0.01 to 47.1K
5
NH010
NH-10
12.5
0.5 to 4.45K
0.1 to 5.54K
0.05 to 5.54K
0.05 to 23.5K
5
RH025
RH-25
25
0.5 to 25.7K
0.1 to 32.99K
0.05 to 32.99K
0.01 to 95.2K
12
NH025
NH-25
25
0.5 to 9.09K
0.1 to 12.8K
0.05 to 12.8K
0.05 to 47.6K
12
RH050
RH-50
50
0.5 to 73.4K
0.1 to 96K
0.05 to 96K
0.01 to 273K
28
NH050
NH-50
50
0.5 to 26K
0.1 to 36.7K
0.05 to 36.7K
0.05 to 136K
28
RH100
RH-100
100
0.5 to 90K
0.1 to 90K
0.05 to 90K
0.05 to 90K
353
NH100
NH-100
100
0.5 to 37.5K
0.1 to 37.5K
0.05 to 37.5K
0.05 to 37.5K
353
RH250
RH-250
250
0.5 to 116K
0.1 to 116K
0.05 to 116K
0.05 to 116K
637
NH250
NH-250
250
0.5 to 48.5K
0.1 to 48.5K
0.05 to 48.5K
0.05 to 48.5K
637
TECHNICAL SPECIFICATIONS
PARAMETER
UNIT
RH RESISTOR CHARACTERISTICS
Temperature Coefficient
ppm/°C
± 20 for 10
 and above; ± 50 for 1  to 9.9 , ± 100 for 0.1  to 0.99 
Maximum Working Voltage
V
(P x R)1/2
Insulation Resistance
10 000 M
 minimum dry, 1000 M minimum after moisture test
Solderability
-
Meets requirements of ANSI J-STD-002
Operating Temperature Range
°C
- 55 to + 250
GLOBAL PART NUMBER INFORMATION
Global Part Numbering example: RH0054R125FC02
GLOBAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
SPECIAL
RH005
(See Standard
Electrical
Specifications
Global Model
column for
options)
R = Decimal
K = Thousand
15R00 = 15
10K00 = 10 k
A = 0.05 %
B = 0.1 %
C = 0.25 %
D = 0.5 %
F = 1.0 %
H = 3.0 %
J = 5.0 %
E02 = Lead (Pb)-free, card pack (RH005 - RH050)
E01 = Lead (Pb)-free, skin pack (RH100 and RH250)
(Dash Number)
(up to 3 digits)
From 1 to 999
as applicable
C02 = Tin/lead, card pack (RH005 - RH050)
J01 = Tin/lead, skin pack (RH100 and RH250)
Historical Part Numbering example: RH-5 4.125
 1 % C02
RH-5
4.125
1 %
C02
HISTORICAL MODEL
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
R
H
00
54
R
1
2
5F
C
0
2


Số phần tương tự - NH010

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
NH010 VISHAY-NH010 Datasheet
221Kb / 5P
Wirewound Resistors, Military, MIL-PRF-18546 Qualified, Type RE, Aluminum Housed, Chassis Mount
11-Jul-07
NH010 VISHAY-NH010 Datasheet
186Kb / 5P
Wirewound Resistors, Military, MIL-PRF-18546 Qualified, Type RE, Aluminum Housed, Chassis Mount
04-Sep-2019
More results

Mô tả tương tự - NH010

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Vishay Siliconix
RH050270R0FE02 VISHAY-RH050270R0FE02 Datasheet
198Kb / 5P
Wirewound Resistors, Industrial Power, Aluminum Housed, Chassis Mount
22-Jun-12
RH025R2000 VISHAY-RH025R2000 Datasheet
195Kb / 5P
Wirewound Resistors, Industrial Power, Aluminum Housed, Chassis Mount
23-May-13
logo
Riedon Powertron
UAL RIEDON-UAL Datasheet
353Kb / 4P
Aluminum Housed Power Wirewound Resistors
logo
Vishay Siliconix
TMC VISHAY-TMC Datasheet
196Kb / 5P
Wirewound Resistors, Industrial Power, Aluminum Housed, Chassis Mount
23-Jun-16
logo
Riedon Powertron
UAL10-20KF8 RIEDON-UAL10-20KF8 Datasheet
353Kb / 4P
Aluminum Housed Power Wirewound Resistors
UAL25-1K5F8 RIEDON-UAL25-1K5F8 Datasheet
353Kb / 4P
Aluminum Housed Power Wirewound Resistors
UAL25-12RF8 RIEDON-UAL25-12RF8 Datasheet
353Kb / 4P
Aluminum Housed Power Wirewound Resistors
UAL25-15RF8 RIEDON-UAL25-15RF8 Datasheet
353Kb / 4P
Aluminum Housed Power Wirewound Resistors
UAL25-75RF8 RIEDON-UAL25-75RF8 Datasheet
353Kb / 4P
Aluminum Housed Power Wirewound Resistors
UAL25-750RF8 RIEDON-UAL25-750RF8 Datasheet
353Kb / 4P
Aluminum Housed Power Wirewound Resistors
More results


Html Pages

1 2 3 4 5


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com