công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ADP2 bảng dữ liệu(PDF) 3 Page - Pentair Equipment Protection - Hoffman

tên linh kiện ADP2
Giải thích chi tiết về linh kiện  GL66 SERIES MILD STEEL HINGED COVER WALL-MOUNT ENCLOSURES
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HOFFMANPRODUCTS [Pentair Equipment Protection - Hoffman]
Trang chủ  
Logo HOFFMANPRODUCTS - Pentair Equipment Protection - Hoffman

ADP2 bảng dữ liệu(HTML) 3 Page - Pentair Equipment Protection - Hoffman

  ADP2 Datasheet HTML 1Page - Pentair Equipment Protection - Hoffman ADP2 Datasheet HTML 2Page - Pentair Equipment Protection - Hoffman ADP2 Datasheet HTML 3Page - Pentair Equipment Protection - Hoffman ADP2 Datasheet HTML 4Page - Pentair Equipment Protection - Hoffman  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
EQUIPMENT PROTECTION
HINGED COVER WALL-MOUNT ENCLOSURES
MOUNTING PLATE
Item Number
Description
Thickness
[mm]
H
[mm]
W
[mm]
M300P300GE
MPL for GL66 HC size 300x300mm
2
255
255
M400P300GE
MPL for GL66 HC size 400x300mm
2
355
255
M400P400GE
MPL for GL66 HC size 400x400mm
2
355
355
M500P400GE
MPL for GL66 HC size 500x400mm
2
455
355
M500P500GE
MPL for GL66 HC size 500x500mm
2
455
455
M600P400GE
MPL for GL66 HC size 600x400mm
2.5
555
355
M600P600GE
MPL for GL66 HC size 600x600mm
2.5
555
555
M700P500GE
MPL for GL66 HC size 700x500mm
2.5
655
455
M800P400GE
MPL for GL66 HC size 800x400mm
2.5
755
355
M800P600GE
MPL for GL66 HC size 800x600mm
2.5
755
555
M800P800GE
MPL for GL66 HC size 800x800mm
2.5
755
755
M1000P600GE
MPL for GL66 HC size 1000x600mm
2.5
955
555
M1000P800GE
MPL for GL66 HC size 1000x800mm
2.5
955
755
ACCESSORIES
Item Number
Description
H [mm] W [mm]
Type
GGP15260E
Gland Plate for Wallmount GL66 HC size 150 H x260 W mm
150
260
A
GGP15360E
Gland Plate for Wallmount GL66 HC size 150 H x360W mm
150
360
B
GGP150460E
Gland Plate for Wallmount GL66 HC size 150 H x460 W mm
150
460
C
Item Number
Description
Fits H [mm]
L [mm]
ADB300E
Door Bar for GL66 HC height 300 mm
300
238
ADB400E
Door Bar for GL66 HC height 400 mm
400
338
ADB500E
Door Bar for GL66 HC height 500 mm
500
438
ADB600E
Door Bar for GL66 HC height 600 mm
600
538
ADB700E
Door Bar for GL66 HC height 700 mm
700
638
ADB800E
Door Bar for GL66 HC height 800 mm
800
738
ADB1000E
Door Bar for GL66 HC height 1000 mm
1000
938
Item Number
Description
ADSTOPK
Door Stop Kit for Mild Steel GL66 HC
Item Number
Description
GKEY3MMDB
Set of two 3-mm black, non-metalic
GLAND PLATE
DOOR BARS
DOOR STOP KIT
DOUBLE-BIT KEY
Enclosures must have a “W” dimension of 400 mm or more.
Door Stop Kit can be mounted at the top or bottom of the door
opening after drilling two small holes in the body of the
enclosure and two small holes in the door. The angle of the door
is easily adjusted by means of a wingnut, and the stop arm
slides neatly out of the way when the door is closed. Maintains
IP66/UL/CSA Type 4 and 12 when properly installed.
Provide a removable cable egress and entry plate while maintaining
IP/UL/CSA integrity of the enclosure. RAL 7035 textured light-gray
polyester powder paint finish inside and outside. Foam-in-place gasket,
fasteners and instruction provided. Maintains IP66/UL/CSA
Type 4 and 12 when properly installed.
Black non-metallic 3-mm double–bit key
Galvanized steel full-size panel



Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com