công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HMC394LP4 bảng dữ liệu(PDF) 7 Page - Hittite Microwave Corporation

tên linh kiện HMC394LP4
Giải thích chi tiết về linh kiện  GaAs HBT PROGRAMMABLE 5-BIT COUNTER, DC - 2.2 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HITTITE [Hittite Microwave Corporation]
Trang chủ  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC394LP4 bảng dữ liệu(HTML) 7 Page - Hittite Microwave Corporation

Back Button HMC394LP4 Datasheet HTML 2Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 3Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 4Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 5Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 6Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 7Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 8Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 9Page - Hittite Microwave Corporation HMC394LP4 Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
6
6 - 56
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
The circuit board used in the final application should use RF circuit design techniques. Signal lines should have
50 ohm impedance while the package ground leads and backside ground slug should be connected directly to
the ground plane similar to that shown. A sufficient number of via holes should be used to connect the top and
bottom ground planes. The evaluation circuit board shown is available from Hittite upon request.
Evaluation PCB
List of Materials for
Evaluation PCB 104898 [1]
Note: The evaluation PCB for the HMC394LP4 contains
10K Ohm pull up resistors for each of the five control inputs
A0 through A4. Programming the 31 distinct division ratios
consists of installing or removing jumpers S1 through S5, as
shown above. Jumper S6 must always be installed to provide
ground to pin 20.
HMC394LP4 Evaluation
PCB Truth Table
Function
S1
S2
S3
S4
S5
Output Low
0
0
0
0
0
/ 2
1
0
0
0
0
/ 3
0
1
0
0
0
/ 4
1
1
0
0
0
--
-
-
-
-
/ 32
1
1
1
1
1
Note: 0 = Jumper Installed.
1 = Jumper Not Installed.
Item
Description
J1 - J3
PCB Mount SMA RF Connector
C1 - C2 [2]
1.0 μF Tantalum Capacitor
C3 - C4 [2]
.01 μF Capacitor, 0603 Pkg.
C5 - C8
1000 pF Capacitor, 0603 Pkg.
R1*
Resistor SIP 10 K ohm
S1 - S6
Jumper (shunt) 2mm
U1
HMC394LP4 / HMC394LP4E
5-Bit Counter
PCB
104435 Eval Board
[1] Reference this number when ordering complete evaluation PCB
[2] Optional components.
HMC394LP4 / 394LP4E
GaAs HBT PROGRAMMABLE
5-BIT COUNTER, DC - 2.2 GHz
v08.0607



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com