| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LEDMAG bảng dữ liệu(PDF) 5 Page - nVent Electric plc |
|
|
|||||||||||||||||||||||||||||
LEDMAG bảng dữ liệu(HTML) 5 Page - nVent Electric plc |
|
5 / 6 page ![]() ElEctrical accEssoriEs Lighting Packages nVent.com/HOFFMAN SUBJECT TO CHANGE WITHOUT NOTICE accEssoriEs 5 Spec-01447 C cablE, through-wiring For El lED EnclosurE lights FEaturEs • Pre-fabricated cables for LED enclosure lights • Cables provide time saving, easy mounting of the EL LED Enclosure Lights Catalog Number Description Length (ft.) Length (m) Rated Current (A) Rated Voltage (V) Voltage (VAC) Voltage (VDC) Connection Color Quantity ELC0601TBUL Through-WiringcableBlack,0.6m,UL 1.97 0.6 10 250 100-240 — ThroughWiring,3-Pole Black 1 ELC0601TG24V Through-WiringcableGrey,0.6m,24V 1.97 0.6 10 50 — 24 ThroughWiring,2-Pole Gray 1 ELC1001TBUL Through-WiringcableBlack,1.0m,UL 3.28 1.0 10 250 100-240 — ThroughWiring,3-Pole Black 1 ELC1001TG24V Through-WiringcableGrey,1.0m,24V 3.28 1.0 10 50 — 24 ThroughWiring,2-Pole Gray 1 cablE, powEr For El lED EnclosurE lights FEaturEs • Pre-fabricated cables for LED enclosure lights • Cables provide time saving, easy mounting of the EL LED Enclosure Lights Catalog Number Description Length (ft.) Length (m) Rated Current (A) Rated Voltage (V) Voltage (VAC) Voltage (VDC) Connection Color Quantity ELC1001PBUL PowercablefemaleBlack,1.0m,UL 3.28 1.0 10 250 100-240 — PowerCable,3-Pole Black 1 ELC1001PG24V PowercablefemaleGrey,1.0m,24V 3.28 1.0 10 50 — 24 PowerCable,2-Pole Gray 1 ELC2001PBUL PowercablefemaleBlack,2.0m,UL 6.56 2.0 10 250 100-240 — PowerCable,3-Pole Black 1 ELC2001PG24V PowercablefemaleGrey,2.0m,24V 6.56 2.0 10 50 — 24 PowerCable,2-Pole Gray 1 |