| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LPC72 bảng dữ liệu(PDF) 5 Page - Pentair Equipment Protection - Hoffman |
|
|
|||||||||||||||||||||||||||||
LPC72 bảng dữ liệu(HTML) 5 Page - Pentair Equipment Protection - Hoffman |
|
5 / 6 page ![]() ElEctrical accEssoriEs Lighting Packages Spec-00581 L EQUIPMENT PROTECTION SUBJECT TO CHANGE WITHOUT NOTICE accEssoriEs 5 lED light Kit LED light kits provide interior enclosure lighting. These light kits are ideal for remote and darkened enclosure applications. The light can be mechanically fastened with included hardware to maintain enclosure UL listing (up to Type 4X), or can be magnetically attached to flat steel surfaces. The lights have auto-sensing circuitry (AC voltage 90 VAC to 260 VAC and DC voltage 20 VDC to 60 VDC). LED lights are light-weight and in a small form factor while providing 400 LM of 6000-7000K light. Power consumption for all models is 5 watts. Bulletin: A80lt Catalog Number AxBxC in./mm Weight (oz) Weight (gm) Mounting Style Power Source Activation Voltage LEDA1M35 1.34 x 1.26 x 13.82 34 x 32 x 351 4.8 135 Magnetic AC On/off switch 90 VAC-260 VAC LEDA2M35 1.54 x 1.26 x 13.82 39 x 32 x 351 5.0 140 Magnetic AC IR Motion Sensor 90 VAC-260 VAC LEDA1S35 1.42 x 2.05 x 13.82 36 x 52 x 351 4.8 135 Screw AC On/off switch 90 VAC-260 VAC LEDA2S35 1.63 x 2.05 x 13.82 41 x 52 x 351 5.0 140 Screw AC IR Motion Sensor 90 VAC-260 VAC LEDD1M35 1.34 x 1.26 x 13.82 34 x 32 x 351 4.8 135 Magnetic DC On/off switch 20 VDC-60 VDC LEDD2M35 1.54 x 1.26 x 13.82 39 x 32 x 351 5.0 140 Magnetic DC IR Motion Sensor 20 VDC-60 VDC LEDD1S35 1.42 x 2.05 x 13.82 36 x 52 x 351 4.8 135 Screw DC On/off switch 20 VDC-60 VDC LEDD2S35 1.63 x 2.05 x 13.82 41 x 52 x 351 5.0 140 Screw DC IR Motion Sensor 20 VDC-60 VDC lED light iNPut coNNEctor/cablE assEmblY The input connector/cable assembly is used to provide supply power to the LED light. Pre-assembled connector/cable assembly with 78.7-in. (2000 mm) long cable whip. Cables are constructed of 16 AWG copper wire. Bulletin: A80lt Catalog Number A in./mm Power Source Use with LEDA20C 78.74 2000 AC AC LED Lights LEDD20C 78.74 2000 DC DC LED Lights lED light ExtENsioN coNNEctor/cablE assEmblY The extension connector/cable assembly is used to connect adjacent LED lights (daisy chain). Up to 10 LED lights can be ganged or connected in series. Pre-assembled connector/cable assembly with 39.4-in. (1000 mm) long cable between input and output connectors. Cables are constructed of 16 AWG copper wire. Bulletin: A80lt Catalog Number A in./mm Power Source Use with LEDA10E 39.37 1000 AC AC LED Lights LEDD10E 39.37 1000 DC DC LED Lights |