| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74LVC2G04DBV bảng dữ liệu(PDF) 13 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74LVC2G04DBV bảng dữ liệu(HTML) 13 Page - Texas Instruments |
|
13 / 30 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 23-May-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) SN74LVC2G04DBVR Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes NIPDAU | SN | NIPDAU Level-1-260C-UNLIM -40 to 125 (C045, C04F, C04K, C04R) SN74LVC2G04DBVR.B Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (C045, C04F, C04K, C04R) SN74LVC2G04DBVRE4 Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (C04F, C04R) SN74LVC2G04DBVRG4 Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (C04F, C04R) SN74LVC2G04DBVRG4.B Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (C04F, C04R) SN74LVC2G04DBVT Active Production SOT-23 (DBV) | 6 250 | SMALL T&R Yes NIPDAU | SN | NIPDAU Level-1-260C-UNLIM -40 to 125 (C045, C04F, C04K, C04R) SN74LVC2G04DBVT.B Active Production SOT-23 (DBV) | 6 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (C045, C04F, C04K, C04R) SN74LVC2G04DBVTG4 Active Production SOT-23 (DBV) | 6 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (C04F, C04R) SN74LVC2G04DBVTG4.B Active Production SOT-23 (DBV) | 6 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (C04F, C04R) SN74LVC2G04DCK3 Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes SNBI Level-1-260C-UNLIM -40 to 125 CCZ SN74LVC2G04DCK3.B Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes SNBI Level-1-260C-UNLIM -40 to 125 CCZ SN74LVC2G04DCKR Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU | SN | NIPDAU Level-1-260C-UNLIM -40 to 125 (CC5, CCF, CCJ, CC K, CCR) SN74LVC2G04DCKR.B Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 (CC5, CCF, CCJ, CC K, CCR) SN74LVC2G04DCKRE4 Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 CC5 SN74LVC2G04DCKRG4 Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 CC5 SN74LVC2G04DCKRG4.B Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 CC5 SN74LVC2G04DCKT Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes NIPDAU | SN | NIPDAU Level-1-260C-UNLIM -40 to 125 (CC5, CCF, CCJ, CC K, CCR) SN74LVC2G04DCKT.B Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (CC5, CCF, CCJ, CC K, CCR) SN74LVC2G04DCKTG4 Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 CC5 SN74LVC2G04DCKTG4.B Active Production SC70 (DCK) | 6 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 CC5 SN74LVC2G04DRLR Active Production SOT-5X3 (DRL) | 6 4000 | LARGE T&R Yes NIPDAU | NIPDAUAG Level-1-260C-UNLIM -40 to 125 (1K7, CC7, CCR) SN74LVC2G04DRLR.B Active Production SOT-5X3 (DRL) | 6 4000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (1K7, CC7, CCR) SN74LVC2G04DRLRG4.B Active Production SOT-5X3 (DRL) | 6 4000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1K7 Addendum-Page 1 |