công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74LVC4245A bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện SN74LVC4245A
Giải thích chi tiết về linh kiện  SN74LVC4245A Octal Bus Transceiver and 3.3-V to 5-V Shifter With 3-State Outputs
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC4245A bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button SN74LVC4245A Datasheet HTML 3Page - Texas Instruments SN74LVC4245A Datasheet HTML 4Page - Texas Instruments SN74LVC4245A Datasheet HTML 5Page - Texas Instruments SN74LVC4245A Datasheet HTML 6Page - Texas Instruments SN74LVC4245A Datasheet HTML 7Page - Texas Instruments SN74LVC4245A Datasheet HTML 8Page - Texas Instruments SN74LVC4245A Datasheet HTML 9Page - Texas Instruments SN74LVC4245A Datasheet HTML 10Page - Texas Instruments SN74LVC4245A Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 26 page
background image
6.9 Switching Characteristics
over recommended operating free-air temperature range, CL = 50 pF (unless otherwise noted) (see Figure 7-1 and Figure
7-2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCCA = 5 V ± 0.5 V,
VCCB = 2.7 V to 3.6 V
UNIT
MIN
MAX
tPHL
A
B
1
6.3
ns
tPLH
1
6.7
tPHL
B
A
1
6.1
ns
tPLH
1
5
tPZL
OE
A
1
9
ns
tPZH
1
10
tPZL
OE
B
1
10.3
ns
tPZH
1
9.8
tPLZ
OE
A
1
7
ns
tPHZ
1
5.8
tPLZ
OE
B
1
7.7
ns
tPHZ
1
7.8
6.10 Operating Characteristics
VCCA = 4.5 V to 5.5 V, VCCB = 2.7 V to 3.6 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per transceiver
Outputs enabled
CL = 0,
f = 10 MHz
39.5
pF
Outputs disabled
5
6.11 Typical Characteristics
2
4
6
8
10
12
14
0
50
100
150
200
250
300
CL – Load Capacitance – pF
VCC = 3 V,
TA = 25°C
One Output Switching
Four Outputs Switching
Eight Outputs Switching
Figure 6-1. Propagation Delay (Low to High
Transition)
vs Load Capacitance
2
4
6
8
10
0
50
100
150
200
250
300
CL – Load Capacitance – pF
VCC = 3 V,
TA = 25°C
One Output Switching
Four Outputs Switching
Eight Outputs Switching
Figure 6-2. Propagation Delay (High to Low
Transition)
vs Load Capacitance
www.ti.com
SN74LVC4245A
SCAS375J – MARCH 1994 – REVISED DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
7
Product Folder Links: SN74LVC4245A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com