| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74LVC2G34DBVR bảng dữ liệu(PDF) 12 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SN74LVC2G34DBVR bảng dữ liệu(HTML) 12 Page - Texas Instruments |
|
12 / 28 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 23-May-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) SN74LVC2G34DBVR Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 (C345, C34F, C34K, C34O, C34R) SN74LVC2G34DBVR.B Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 (C345, C34F, C34K, C34O, C34R) SN74LVC2G34DBVRE4 Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (C34F, C34R) SN74LVC2G34DBVRG4 Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (C34F, C34R) SN74LVC2G34DBVRG4.B Active Production SOT-23 (DBV) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (C34F, C34R) SN74LVC2G34DBVT Active Production SOT-23 (DBV) | 6 250 | SMALL T&R Yes NIPDAU | SN Level-1-260C-UNLIM -40 to 125 (C345, C34F, C34K, C34R) SN74LVC2G34DBVT.B Active Production SOT-23 (DBV) | 6 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (C345, C34F, C34K, C34R) SN74LVC2G34DBVTG4 Active Production SOT-23 (DBV) | 6 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (C34F, C34R) SN74LVC2G34DBVTG4.B Active Production SOT-23 (DBV) | 6 250 | SMALL T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (C34F, C34R) SN74LVC2G34DCK3 Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes SNBI Level-1-260C-UNLIM -40 to 85 C9Z SN74LVC2G34DCK3.B Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes SNBI Level-1-260C-UNLIM -40 to 125 C9Z SN74LVC2G34DCKR Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU | SN | NIPDAU Level-1-260C-UNLIM -40 to 125 (C95, C9F, C9K, C9 R) SN74LVC2G34DCKR.B Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 (C95, C9F, C9K, C9 R) SN74LVC2G34DCKRE4 Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 C95 SN74LVC2G34DCKRG4 Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 C95 SN74LVC2G34DCKRG4.B Active Production SC70 (DCK) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 C95 SN74LVC2G34DRLR Active Production SOT-5X3 (DRL) | 6 4000 | LARGE T&R Yes NIPDAU | NIPDAUAG Level-1-260C-UNLIM -40 to 125 (1K8, C97, C9R) SN74LVC2G34DRLR.B Active Production SOT-5X3 (DRL) | 6 4000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 (1K8, C97, C9R) SN74LVC2G34DRLRG4.B Active Production SOT-5X3 (DRL) | 6 4000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 1K8 SN74LVC2G34YZPR Active Production DSBGA (YZP) | 6 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 85 C9N SN74LVC2G34YZPR.B Active Production DSBGA (YZP) | 6 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 C9N (1) Status: For more details on status, see our product life cycle. Addendum-Page 1 |