công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74LVC2G14 bảng dữ liệu(PDF) 8 Page - Texas Instruments

tên linh kiện SN74LVC2G14
Giải thích chi tiết về linh kiện  SN74LVC2G14 Dual Schmitt-Trigger Inverter
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC2G14 bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button SN74LVC2G14 Datasheet HTML 4Page - Texas Instruments SN74LVC2G14 Datasheet HTML 5Page - Texas Instruments SN74LVC2G14 Datasheet HTML 6Page - Texas Instruments SN74LVC2G14 Datasheet HTML 7Page - Texas Instruments SN74LVC2G14 Datasheet HTML 8Page - Texas Instruments SN74LVC2G14 Datasheet HTML 9Page - Texas Instruments SN74LVC2G14 Datasheet HTML 10Page - Texas Instruments SN74LVC2G14 Datasheet HTML 11Page - Texas Instruments SN74LVC2G14 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
1A
1Y
1
6
2A
2Y
3
4
SN74LVC2G14
SCES200O – APRIL 1999 – REVISED AUGUST 2015
www.ti.com
8 Detailed Description
8.1 Overview
The SN74LVC2G14 device contains two Schmitt Trigger Inverter and performs the Boolean function Y = A. The
device functions as an independent inverter, but because of Schmitt Trigger action, it will have different input
threshold levels for a positive-going (Vt+) and negative-going (Vt-) signals.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuit disables the output,
preventing damaging current back-flow through the device when it is powered down.
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Support Translation Down (5 V to 3.3 V; 3.3 V to 1.8 V)
As the inputs are 5.5-V tolerant, the device can be used as a down translator. When the input voltage exceeds
VT+ (Max), the output will follow VCC, performing down-translation if the input voltage exceeds VCC.
8.4 Device Functional Modes
Table 1 lists the functional modes of the SN74LVC2G14.
Table 1. Functional Table
(Each Inverter)
INPUT
OUTPUT
A
Y
H
L
L
H
8
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: SN74LVC2G14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com