công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74LVC1T45 bảng dữ liệu(PDF) 13 Page - Texas Instruments

tên linh kiện SN74LVC1T45
Giải thích chi tiết về linh kiện  SN74LVC1T45-Q1 Automotive 1.65V to 5.5V Single-Bit Dual-Supply Level Shifter
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI2 [Texas Instruments]
Trang chủ  https://www.ti.com
Logo TI2 - Texas Instruments

SN74LVC1T45 bảng dữ liệu(HTML) 13 Page - Texas Instruments

Back Button SN74LVC1T45 Datasheet HTML 9Page - Texas Instruments SN74LVC1T45 Datasheet HTML 10Page - Texas Instruments SN74LVC1T45 Datasheet HTML 11Page - Texas Instruments SN74LVC1T45 Datasheet HTML 12Page - Texas Instruments SN74LVC1T45 Datasheet HTML 13Page - Texas Instruments SN74LVC1T45 Datasheet HTML 14Page - Texas Instruments SN74LVC1T45 Datasheet HTML 15Page - Texas Instruments SN74LVC1T45 Datasheet HTML 16Page - Texas Instruments SN74LVC1T45 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
Application and Implementation
Note
Information in the following applications sections is not part of the TI component specification, and
TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining
suitability of components for their purposes. Customers should validate and test their design
implementation to confirm system functionality.
1 Application Information
The SN74LVC1T45-Q1 device can be used in level-translation applications for interfacing devices or systems
operating at different interface voltages with one another. The maximum data rate can be up to 420Mbps when
device translates signals from 3.3V to 5V.
1.1 Enable Times
Calculate the enable times for the SN74LVC1T45-Q1 using the following formulas:
• tPZH (DIR to A) = tPLZ (DIR to B) + tPLH (B to A)
• tPZL (DIR to A) = tPHZ (DIR to B) + tPHL (B to A)
• tPZH (DIR to B) = tPLZ (DIR to A) + tPLH (A to B)
• tPZL (DIR to B) = tPHZ (DIR to A) + tPHL (A to B)
In a bidirectional application, these enable times provide the maximum delay from the time the DIR bit is
switched until an output is expected. For example, if the SN74LVC1T45-Q1 initially is transmitting from A to B,
then the DIR bit is switched; the B port of the device must be disabled before presenting it with an input. After
the B port has been disabled, an input signal applied to it appears on the corresponding A port after the specified
propagation delay.
2 Typical Applications
2.1 Unidirectional Logic Level-Shifting Application
Figure 7-1 shows an example of the SN74LVC1T45-Q1 being used in a unidirectional logic level-shifting
application.
1
2
3
6
5
4
V
CC1
V
CC1
V
CC2
V
CC2
SYSTEM-1
SYSTEM-2
Copyright © 2016, Texas Instruments Incorporated
Figure 7-1. Unidirectional Logic Level-Shifting Application
2.1.1 Design Requirements
For this design example, use the parameters listed in Table 7-1.
Table 7-1. Design Parameters
PARAMETER
VALUE
Input voltage
1.65V to 5.5V
Output voltage
1.65V to 5.5V
www.ti.com
SN74LVC1T45-Q1
SCES677F – SEPTEMBER 2006 – REVISED JUNE 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: SN74LVC1T45-Q1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com