| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STDRIVE101TR bảng dữ liệu(PDF) 5 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STDRIVE101TR bảng dữ liệu(HTML) 5 Page - STMicroelectronics |
|
5 / 32 page ![]() 2.3 Thermal data Table 3. Thermal data Symbol Parameter Conditions Value Unit RthJA Junction-to-ambient thermal resistance Natural convection, according to JESD51-2a (1) 94.5 °C/W RthJCtop Junction-to-case thermal resistance (top side) Cold plate on top, according to JESD51-12 (1) 28.4 °C/W RthJCbot Junction-to-case thermal resistance (bottom side) Cold plate on exposed pad, according to JESD51-12(1) 1.47 °C/W RthJB Junction-to-board thermal resistance According to JESD51-8(1) 14.4 °C/W ΨJT Junction-to-top characterization parameter According to JESD51-2a(1) 0.6 °C/W ΨJB Junction-to-board characterization parameter According to JESD51-2a(1) 14.2 °C/W 1. Simulated on a 21.2x21.2 mm board, 2s2p 1 Oz copper and four 300 µm vias below exposed pad. 2.4 Electrical sensitivity characteristics Table 4. ESD protection ratings Symbol Parameter Test Condition Class Value Unit HBM Human Body Model Conforming to ANSI/ESDA/JEDEC JS-001-2017 H2 2 kV CDM Charge Device Model Conforming to ANSI/ESDA/JEDEC JS-002-2014 C2B 750 V STDRIVE101 Thermal data DS13472 - Rev 1 page 5/32 |