công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ACT374SC bảng dữ liệu(PDF) 2 Page - Fairchild Semiconductor

tên linh kiện 74ACT374SC
Giải thích chi tiết về linh kiện  Octal D-Type Flip-Flop with 3-STATE Outputs
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  FAIRCHILD [Fairchild Semiconductor]
Trang chủ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74ACT374SC bảng dữ liệu(HTML) 2 Page - Fairchild Semiconductor

  74ACT374SC Datasheet HTML 1Page - Fairchild Semiconductor 74ACT374SC Datasheet HTML 2Page - Fairchild Semiconductor 74ACT374SC Datasheet HTML 3Page - Fairchild Semiconductor 74ACT374SC Datasheet HTML 4Page - Fairchild Semiconductor 74ACT374SC Datasheet HTML 5Page - Fairchild Semiconductor 74ACT374SC Datasheet HTML 6Page - Fairchild Semiconductor 74ACT374SC Datasheet HTML 7Page - Fairchild Semiconductor 74ACT374SC Datasheet HTML 8Page - Fairchild Semiconductor 74ACT374SC Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
©1988 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AC374, 74ACT374 Rev. 1.5.0
2
Connection Diagram
Pin Description
Functional Description
The AC/ACT374 consists of eight edge-triggered flip-
flops with individual D-type inputs and 3-STATE true out-
puts. The buffered clock and buffered Output Enable are
common to all flip-flops. The eight flip-flops will store the
state of their individual D inputs that meet the setup and
hold time requirements on the LOW-to-HIGH Clock (CP)
transition. With the Output Enable (OE) LOW, the con-
tents of the eight flip-flops are available at the outputs.
When the OE is HIGH, the outputs go to the high imped-
ance state. Operation of the OE input does not affect the
state of the flip-flops.
Logic Symbols
IEEE/IEC
Truth Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Immaterial
Z
= High Impedance
= LOW-to-HIGH Transition
Pin
Names
Description
D0–D7
Data Inputs
CP
Clock Pulse Input
OE
3-STATE Output Enable Input
O0–O7
3-STATE Outputs
Inputs
Outputs
Dn
CP
OE
On
HL
H
LL
L
XX
H
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com