| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BD136 bảng dữ liệu(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BD136 bảng dữ liệu(HTML) 1 Page - STMicroelectronics |
|
1 / 4 page ![]() BD136 BD138/BD140 PNP SILICON TRANSISTORS s SGS-THOMSON PREFERRED SALESTYPES s PNP TRANSISTOR DESCRIPTION The BD136, BD138 and BD140 are silicon epitaxial planar PNP transistors in Jedec SOT-32 plastic package, designed for audio amplifiers and drivers utilizing complementary or quasi compementary circuits. The complementary NPN types are the BD135 BD137 and BD139. INTERNAL SCHEMATIC DIAGRAM June 1997 3 2 1 SOT-32 ABSOLUTE MAXIMUM RATINGS Symbol Parameter Val ue Uni t BD136 BD138 BD140 VCBO Collector-Base Voltage (IE = 0) -45 -60 -80 V VCEO Collector-Emit ter Voltage (IB = 0) -45 -60 -80 V VEBO Emitter-Base Voltage (IC =0) -5 V IC Collector Current -1. 5 A ICM Collector Peak Current -3 A IB Base Current -0. 5 A Ptot Tot al Dissipation at Tc ≤ 25 oC12.5 W Ptot Tot al Dissipation at Tamb ≤ 25 oC1.25 W Tstg Storage Temperature -65 to 150 oC Tj Max. O perat ing Junction Temperature 150 oC 1/4 |
Số phần tương tự - BD136 |
|
Mô tả tương tự - BD136 |