| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BD135 bảng dữ liệu(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
BD135 bảng dữ liệu(HTML) 1 Page - STMicroelectronics |
|
1 / 4 page ![]() BD135 BD139 NPN SILICON TRANSISTORS s STMicroelectronics PREFERRED SALESTYPES DESCRIPTION The BD135 and BD139 are silicon epitaxial planar NPN transistors in Jedec SOT-32 plastic package, designed for audio amplifiers and drivers utilizing complementary or quasi compementary circuits. The complementary PNP types are BD136 and BD140 respectively. INTERNAL SCHEMATIC DIAGRAM May 1999 3 2 1 SOT-32 ABSOLUTE MAXIMUM RATINGS Symbol Parameter Val ue Uni t BD135 BD139 VCBO Collect or-Base Voltage (IE =0) 45 80 V VCEO Collect or-Emitter Voltage (IB =0) 45 80 V VEBO Emitter-Base Voltage (IC =0) 5 V IC Collect or Current 1.5 A ICM Collect or Peak Current 3 A IB Base Current 0.5 A Ptot Tot al Dissipation at Tc ≤ 25 oC 12. 5 W Ptot Tot al Dissipation at Tamb ≤ 25 oC 1. 25 W Tstg Storage T emperat ure -65 to 150 oC Tj Max. O perating Junction Temperature 150 oC ® 1/4 |
Số phần tương tự - BD135 |
|
Mô tả tương tự - BD135 |