công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

HMC372LP3 bảng dữ liệu(PDF) 7 Page - Hittite Microwave Corporation

tên linh kiện HMC372LP3
Giải thích chi tiết về linh kiện  GaAs PHEMT MMIC LOW NOISE AMPLIFIER, 700 - 1000 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  HITTITE [Hittite Microwave Corporation]
Trang chủ  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC372LP3 bảng dữ liệu(HTML) 7 Page - Hittite Microwave Corporation

  HMC372LP3_06 Datasheet HTML 1Page - Hittite Microwave Corporation HMC372LP3_06 Datasheet HTML 2Page - Hittite Microwave Corporation HMC372LP3_06 Datasheet HTML 3Page - Hittite Microwave Corporation HMC372LP3_06 Datasheet HTML 4Page - Hittite Microwave Corporation HMC372LP3_06 Datasheet HTML 5Page - Hittite Microwave Corporation HMC372LP3_06 Datasheet HTML 6Page - Hittite Microwave Corporation HMC372LP3_06 Datasheet HTML 7Page - Hittite Microwave Corporation HMC372LP3_06 Datasheet HTML 8Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
5
5 - 102
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Item
Description
J1 - J2
PCB Mount SMA RF Connector
J3 - J4
DC Pin
C1
10000 pF Capacitor, 0402 Pkg.
C2
10000 pF Capacitor, 0060 Pkg.
L1
22nH Inductor, 0402 Pkg.
L2
18nH Inductor, 0603 Pkg.
U1
HMC372LP3 / HMC372LP3E Amplifier
PCB [2]
106722 Eval Board
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
Evaluation PCB
The circuit board used in the final application
should use RF circuit design techniques. Signal
lines should have 50 ohm impedance while the
package ground leads and exposed paddle should
be connected directly to the ground plane similar
to that shown. A sufficient number of VIA holes
should be used to connect the top and bottom
ground planes. The evaluation circuit board shown
is available from Hittite upon request.
List of Materials for Evaluation PCB 106821 [1]
HMC372LP3 / 372LP3E
GaAs PHEMT MMIC LOW NOISE
AMPLIFIER, 700 - 1000 MHz
v02.0605



Html Pages

1 2 3 4 5 6 7 8


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com